Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5572
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology LT5572 Datasheet HTML 10Page - Linear Technology LT5572 Datasheet HTML 11Page - Linear Technology LT5572 Datasheet HTML 12Page - Linear Technology LT5572 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5575
9
5575f
BLOCK DIAGRAM
PIN FUNCTIONS
GND (Pins 1, 3, 4, 9, 11): Ground pin.
RF (Pin 2):
RF Input Pin. This is a single-ended 50Ω ter-
minated input. No external matching network is required
for the high frequency band. An external series capacitor
(and/or shunt capacitor) may be required for impedance
transformation to 50Ω in the low frequency band from
800MHz to 1.5GHz (see Figure 4). If the RF source is not
DC blocked, a series blocking capacitor should be used.
Otherwise, damage to the IC may result.
VCC (Pins 6, 7, 8, 12): Power Supply Pins. These pins
should be decoupled using 1000pF and 0.1µF capacitors.
EN (Pin 5): Enable Pin. When the input voltage is higher
than 2.0V, the circuit is completely turned on. When the
enable pin voltage is less than 1.0V, the circuit is turned
off. Under no conditions should the voltage at the EN
pin exceed VCC + 0.3V. Otherwise, damage to the IC may
result. If the Enable function is not needed, then the EN
pin should be tied to VCC.
LO (Pin 10):
Local Oscillator Input Pin. This is a single-
ended 50Ω terminated input. No external matching net-
work is required in the high frequency band. An external
shunt capacitor (and/or series capacitor) may be required
for impedance transformation to 50Ω for the low frequency
band from 800MHz to 1.5GHz (see Figure 6). If the LO
source is not DC blocked, a series blocking capacitor must
be used. Otherwise, damage to the IC may result.
QOUT
–, Q
OUT
+ (Pins 13, 14): Differential Baseband
Output Pins of the Q Channel. The internal DC bias voltage
is VCC – 1.1V for each pin.
IOUT
–, I
OUT
+ (Pins 15, 16): Differential Baseband
Output Pins of the I Channel. The internal DC bias voltage
is VCC – 1.1V for each pin.
Exposed Pad (Pin 17): Ground Return for the Entire IC.
This pin must be soldered to the printed circuit board
ground plane.
RF
IOUT
+
LO
GND
0
°/90°
16
IOUT
–
15
QOUT
+
14
QOUT
–
13
LO BUFFERS
LPF
I-MIXER
LPF
Q-MIXER
EXPOSED
PAD
6
VCC
BIAS
5
EN
1
GND
7
VCC
8
4
VCC
12
VCC
GND
5575 BD
9
17
RF AMP
RF AMP
2
3
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com