Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5572
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 3 Page - Linear Technology

  LT5572 Datasheet HTML 1Page - Linear Technology LT5572 Datasheet HTML 2Page - Linear Technology LT5572 Datasheet HTML 3Page - Linear Technology LT5572 Datasheet HTML 4Page - Linear Technology LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5575
3
5575f
AC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
No External Matching (High Band)
With External Matching (Low Band, Mid Band)
1.5 to 2.7
0.8 to 1.5
GHz
GHz
LO Input Frequency Range
No External Matching (High Band)
With External Matching (Low Band, Mid Band)
1.5 to 2.7
0.8 to 1.5
GHz
GHz
Baseband Frequency Range
DC to 490
MHz
Baseband I/Q Output Impedance
Single-Ended
65Ω// 5pF
RF Input Return Loss
ZO = 50Ω, 1.5GHz to 2.7GHz,
Internally Matched
>10
dB
LO Input Return Loss
ZO = 50Ω, 1.5GHz to 2.7GHz,
Internally Matched
>10
dB
LO Input Power
–13 to 5
dBm
Test circuit shown in Figure 1. (Notes 2, 3)
AC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
Voltage Gain, RLOAD = 1kΩ
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
3
4.2
3.5
2
dB
dB
dB
dB
Noise Figure (Double-Side Band, Note 4)
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
12.8
12.7
13.6
15.7
dB
dB
dB
dB
Input 3rd-Order Intercept
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
28
22.6
22.7
23.3
dBm
dBm
dBm
dBm
Input 2nd-Order Intercept
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
54.1
60
56
52.3
dBm
dBm
dBm
dBm
Input 1dB Compression
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
13.2
11.2
11
12.3
dBm
dBm
dBm
dBm
I/Q Gain Mismatch
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
0.03
0.01
0.04
0.04
dB
dB
dB
dB
I/Q Phase Mismatch
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
0.5
0.4
0.6
0.2
°
°
°
°
LO to RF Leakage
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
–60.8
–64.6
–60.2
–51.2
dBm
dBm
dBm
dBm
VCC = +5V, EN = High, TA = 25°C, PRF = –10dBm (–10dBm/tone for
2-tone IIP2 and IIP3 tests), Baseband Frequency = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
(Notes 2, 3, 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com