Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5572
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 2 Page - Linear Technology

  LT5572 Datasheet HTML 1Page - Linear Technology LT5572 Datasheet HTML 2Page - Linear Technology LT5572 Datasheet HTML 3Page - Linear Technology LT5572 Datasheet HTML 4Page - Linear Technology LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5575
2
5575f
DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage ..............................................5.5V
Enable Voltage ................................ –0.3V to VCC + 0.3V
LO Input Power....................................................10dBm
RF Input Power ....................................................20dBm
RF Input DC Voltage...............................................±0.1V
LO Input DC Voltage ..............................................±0.1V
Operating Ambient Temperature .............. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Maximum Junction Temperature .......................... 125°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). It is very important that proper ESD precautions
be observed when handling the LT5575.
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.5
5.25
V
Supply Current
132
155
mA
Shutdown Current
EN = Low
< 1
100
µA
Turn On Time
120
ns
Turn Off Time
750
ns
EN = High (On)
2V
EN = Low (Off)
1V
EN Input Current
VENABLE = 5V
120
µA
Output DC Offset Voltage
(|IOUT
+ – I
OUT
– |, | Q
OUT
+ – Q
OUT
– |)
fLO = 1900MHz, PLO = 0dBm
< 9
mV
Output DC Offset Variation
vs Temperature
–40°C to 85°C
38
µV/°C
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
RF
GND
GND
VCC
GND
LO
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN #17) IS GND, MUST BE SOLDERED TO PCB
VCC = +5V, TA = 25°C, unless otherwise noted. (Note 3)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5575EUF#PBF
LT5575EUF#TRPBF
5575
16-Lead (4mm × 4mm) QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com