Electronic Components Datasheet Search
  English  ▼

X  

CDCE72010RGCT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 43 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 39Page - Texas Instruments CDCE72010RGCT Datasheet HTML 40Page - Texas Instruments CDCE72010RGCT Datasheet HTML 41Page - Texas Instruments CDCE72010RGCT Datasheet HTML 42Page - Texas Instruments CDCE72010RGCT Datasheet HTML 43Page - Texas Instruments CDCE72010RGCT Datasheet HTML 44Page - Texas Instruments CDCE72010RGCT Datasheet HTML 45Page - Texas Instruments CDCE72010RGCT Datasheet HTML 46Page - Texas Instruments CDCE72010RGCT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
Register 7: CD Mode
SPI
RAM
RELATED
POWER UP
BIT NAME
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
CONDITION
0
A0
Address 0
1
1
A1
Address 1
1
2
A2
Address 2
1
3
A3
Address 3
0
4
0
LOCKW 0
Lock-detect window bit 0 (Refer to Reg 9 RAM Bits 6 and 7)
5
1
LOCKW 1
Lock-detect window bit 1 (Refer to Reg 9 RAM Bits 6 and 7)
6
2
RESERVED
Set to 0
LOCK-DET
EEPROM
7
3
LOCKC0
Number of coherent lock events bit 0
8
4
LOCKC1
Number of coherent lock events bit 1
9
5
ADLOCK
Selects Digital PLL_LOCK 0 ,Selects Analog PLL_LOCK 1
10
6
PH7ADJC0
11
7
PH7ADJC1
12
8
PH7ADJC2
13
9
PH7ADJC3
Output 7
Coarse phase adjust select for output divider 7
EEPROM
14
10
PH7ADJC4
15
11
PH7ADJC5
16
12
PH7ADJC6
17
13
OUT7DIVRSEL0
18
14
OUT7DIVRSEL1
19
15
OUT7DIVRSEL2
OUTPUT DIVIDER 7 Ratio Select
20
16
OUT7DIVRSEL3
Output 7
EEPROM
(See Table 7)
21
17
OUT7DIVRSEL4
22
18
OUT7DIVRSEL5
23
19
OUT7DIVRSEL6
When set to 0, the divider is disabled
24
20
EN7DIV
Output 7
EEPROM
When set to 1, the divider is enabled
25
21
PECL7HISWING
Output 7
High Output Voltage Swing in LVPECL Mode if set to 1
EEPROM
CD1 PIN is high and DIVPHA7CD1H is set to low
Loads Output Divider 7 and Phase Adjust 7 into OUTPUT 7
26
22
DIVPHA7CD1H
CD1 High
EEPROM
CD1 PIN is high and DIVPHA7CD1H is set to high
Loads Output Divider 8 and Phase Adjust 8 into OUTPUT 7
CD1 PIN is low and DIVPHA7CD1L is set to low
Loads Output Divider 7 and Phase Adjust 7 into OUTPUT 7
27
23
DIVPHA7CD1L
CD1 Low
EEPROM
CD1 PIN is low and DIVPHA7CD1L is set to high
Loads Output Divider 8 and Phase Adjust 8 into OUTPUT 7
28
24
OUTBUF7CD2LX
Output Buffer 7 Signaling Selection when CD2 in low
CD2 Low
EEPROM
(X,Y) = 01: LVPECL, 11: LVDS, 00: LVCMOS, 10: Output Disable
29
25
OUTBUF7CD2LY
30
26
OUTBUF7CD2HX
Output Buffer 7 Signaling Selection when CD2 in high
CD2 High
EEPROM
(X,Y) = 01: LVPECL, 11: LVDS, 00: LVCMOS, 10: Output Disable
31
27
OUTBUF7CD2HY
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com