Electronic Components Datasheet Search
  English  ▼

X  

CDCE72010RGCT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 55 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 51Page - Texas Instruments CDCE72010RGCT Datasheet HTML 52Page - Texas Instruments CDCE72010RGCT Datasheet HTML 53Page - Texas Instruments CDCE72010RGCT Datasheet HTML 54Page - Texas Instruments CDCE72010RGCT Datasheet HTML 55Page - Texas Instruments CDCE72010RGCT Datasheet HTML 56Page - Texas Instruments CDCE72010RGCT Datasheet HTML 57Page - Texas Instruments CDCE72010RGCT Datasheet HTML 58Page - Texas Instruments CDCE72010RGCT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
PLL LOCK FOR ANALOG AND DIGITAL DETECT
t (lockdetect)
SelectedREFatPFD
(clockfedthroughMDivider
andMDelay
VCXO_INatPFD
(clockfedthroughNDivider
andNDelay)
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
The CDCE72010 supports two PLL Lock indications: the digital lock signal or the analog lock signal. Both signals
indicate logic high-level at PLL_LOCK if the PLL locks according the selected lock condition.
The PLL is locked (set high), if the rising edge of the Reference Clock (PRI_REF or SEC_REF clock) and
Feedback Clock (VCXO_IN clock) at the PFD (Phase Frequency Detect) are inside a predefined lock detect
window for a pre-defined number of successive clock cycles.
The PLL is out-of-lock (set low), if the rising edge of the Reference Clock (PRI_REF or SEC_REF clock) and
Feedback Clock (VCXO_IN clock) at the PFD are outside the predefined lock detect window.
Both, the lock detect window and the number of successive clock cycles are user definable in the SPI register
settings.
Figure 21. PLL Lock
The lock detect window describes the maximum allowed time difference for lock detect between the rising edge
of PRI_REF or SEC_REF and VCXO_IN. The time difference is detected at the phase frequency detector. The
rising edge of PRI_REF or SEC_REF is taken as reference. The rising edge of VCXO_IN is outside the lock
detect window, if there is a phase displacement of more than +0.5*t(lockdetect) or -0.5*t(lockdetect).
Table 14. Lock-Detect Window (Register 7 RAM Bits [1:0] and Register 9 RAM Bits [7:6])
LOCKW3
LOCKW2
LOCKW1
LOCKW0
PHASE-OFFSET AT PFD-INPUT(1)
[7]
[6]
[1]
[0]
0
0
0
0
1.5 ns
1
1
0
1
5.8 ns(2)
0
0
1
0
15.1 ns
0
0
1
1
Reserved
0
1
0
0
3.4 ns
0
1
0
1
7.7 ns
0
1
1
0
17.0 ns
0
1
1
1
Reserved
1
0
0
0
5.4 ns
1
0
0
1
9.7 ns
1
0
1
0
19.0 ns
1
0
1
1
Reserved
1
1
0
0
15.0 ns
1
1
0
1
19.3 ns
1
1
1
0
28.6 ns
1
1
1
1
Reserved
(1)
Typical values at VCC = 3.3 V, TA = 25°C
(2)
Default
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com