Electronic Components Datasheet Search
  English  ▼

X  

CDCE72010RGCT Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 50 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 46Page - Texas Instruments CDCE72010RGCT Datasheet HTML 47Page - Texas Instruments CDCE72010RGCT Datasheet HTML 48Page - Texas Instruments CDCE72010RGCT Datasheet HTML 49Page - Texas Instruments CDCE72010RGCT Datasheet HTML 50Page - Texas Instruments CDCE72010RGCT Datasheet HTML 51Page - Texas Instruments CDCE72010RGCT Datasheet HTML 52Page - Texas Instruments CDCE72010RGCT Datasheet HTML 53Page - Texas Instruments CDCE72010RGCT Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
PHASE FREQUENCY DETECTOR
PFD Pulse Width Delay (Register 0 RAM Bits [7:6])
MDivider(14Bits)
FeedbackDivider
1,2,3,4,5,6,8,10,12…..80
SmartMux
FeedbackMux
PFDOutto
ChargePump
P Divider
Div1,2
Div1,2
PRI_REF
SEC_REF
R’ Divider
Register11::
DivideFunctionRegister11::
PhaseFunctionRegister11::
15
::Register10
::Register10
VCXO_IN
AUX_IN
MDelay
NDelay
Register2
RAMBit5:0
14
16 17 18
13
12
8
7
9
10
11
6
5
NDivider(14Bits)
0
1
15 16 17 18
14
8
7
9
10
11
6
5
13
12
3
2
4
1
0
22
21
23 24 25
20
19
27
26
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The main function of the CDCE72010 device is to synchronize a Voltage Control Oscillator (VCO) or a Voltage
Control Crystal Oscillator (VCXO) output to a reference clock input. The phase detector compares 2 signals and
outputs the difference between them. It is symbolized by an XOR. The compared signals are derived from the
Reference clock and from the VCO/VCXO clocks. The Reference clock is divided by the “R” Divider (1 or 2) and
“M” divider (14 Bits) and presented to the PFD. The VCO/VCXO clock is divided by the Feedback Divider (1 to
80) and the “N” Divider (14 Bits) and presented to the PFD.
Frequency (VCXO_IN or AUX_IN) / Frequency (PRI_REF or SEC_REF) = (R*M) / (P*N)
P is the product of X Divider and FB Divider R and X Divider is set to be divide by 1 or 2
The PFD is a classical style with UP and DOWN signals generating flip-flops and a common reset path. Some
special functions were implemented:
• Bit CP_DIR (register 0 RAM bit<9> can swap internally the REF- and FB-CLK inputs to the PFD flip-flops.
• The reset path can be typically delayed with the bits DELAY_PFD <1:0> (register 0 RAM bit<7:6>) from 1.5ns
to 6.0ns.
The “PFD pulse width delay” gets around the dead zone of the PFD transfer function and reduces phase noise
and reference spurs.
Table 9. PFD Pulse Width Delay
PFD1
PFD0
PFD PULSE WIDTH DELAY
0
0
1.5ns(1)
0
1
3.0ns
1
0
4.5ns
1
1
6.0ns
(1)
Default
The PFD receives two clocks of the similar frequencies and decides if one is lagging or leading. This
Lagging/Leading signals are feed to the Charge Pump. The Charge Pump in its turn takes the Lagging/Leading
signals and translate them into current pulses that are feed to the external filter. The Output of the external filter
is a DC level that controls the Voltage reference of the VCO/VCXO sitting outside and feeding the CDCE72010
at the VCXO Input. The VCO/VCXO drifts its outputs frequency with respect to the voltage applied to its Voltage
Control pin. This is how the loop is closed.
Figure 19. Phase Frequency Detection
50
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com