Electronic Components Datasheet Search
  English  ▼

X  

DKT30ICHPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT30ICHPD
Description  USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-Through Charging, 3-Port USB 3.0 Hub, Audio - USB-C Mini Dock - Portable USB Type-C Travel Dock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30ICHPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT30ICHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USB Pass-Through
Yes
Chipset ID
VIA Labs - VL102
VIA Labs - VL817
Parade - PS186
Performance
Maximum Data Transfer
Rate
5Gbps
Maximum Digital
Resolutions
4K 60Hz
Type and Rate
USB 3.2 Gen 1 - 5 Gbit/s
Connector(s)
External Ports
1 - USB Type-A (9 pin, 5 Gbps)
1 - USB 3.2 Type-A (9 pin, Fast-Charge)
1 - HDMI
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
1 - 3.5 mm Audio
Host Connectors
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
Software
OS Compatibility
macOS High Sierra (10.13), macOS Mojave (10.14), macOS
Catalina (10.15), macOS Big Sur (11.0)
macOS Monterey (12.0)
Windows 8.1, Windows 8, Windows 10, Windows 11, Chrome
OS, iPadOS, Android,
Special Notes /
Requirements
System and Cable
Requirements
Host laptop with an available USB-C port (to ensure full
functionality, the laptop's USB-C port must support DP alt mode).
Power
Power Source
Bus Powered and Host USB-C Power Adapter
Power Delivery
100W
Power Consumption (In
8W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com