Electronic Components Datasheet Search
  English  ▼

X  

DKT30ICHPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30ICHPD
Description  USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-Through Charging, 3-Port USB 3.0 Hub, Audio - USB-C Mini Dock - Portable USB Type-C Travel Dock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30ICHPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30ICHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
Features
• 5-IN-1 FUNCTIONALITY: USB-C multiport adapter (USB 3.1/3.2 Gen 1 5Gbps) with DP 1.4 Alt Mode supports up to
4K 60Hz HDMI 2.0 (HDR) video, 2-Port USB-A Hub (1x BC1.2 fast charge), TRRS audio for headset/mic, and 1x
USB-C (Data + Power Delivery 3.0)
• CABLE-FREE USB-C HOST CONNECTION: USB C multiport adapter features a built-in, center positioned USB-C
connector for a flush cableless connection to iPad Pro, Surface Pro 7, Google Pixelbook, and other USB-C tablets,
Chromebooks and laptops
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through with 8W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 92W for laptop charging
• PORTABLE & COMPACT: Portable docking station design allows for easy transport either separately in laptop bag
or left connected to laptop for convenient on-the-go use, business travel or work from home
• WIDE OPERATING SYSTEM COMPATIBILITY: With automatic driver installation for easy installation, this universal
USB Type-C multiport adapter supports all major operating systems such as Windows, macOS, iPadOS, Chrome OS
Hardware
Warranty
3 Years
Fast-Charge Port(s)
Yes
Displays Supported
1
Ports
5
Interface
USB 3.2 Gen 1
Bus Type
USB-C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com