Electronic Components Datasheet Search
  English  ▼

X  

DKT30ICHPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT30ICHPD
Description  USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-Through Charging, 3-Port USB 3.0 Hub, Audio - USB-C Mini Dock - Portable USB Type-C Travel Dock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30ICHPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT30ICHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30ICHPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-Through
Charging, 3-Port USB 3.0 Hub, Audio - USB-C Mini Dock - Portable USB Type-C Travel Dock
Product ID: DKT30ICHPD
This USB-C multiport adapter with DP 1.4 compatibility turns your iPad Pro, Surface Pro 7, Google Pixelbook and
other USB-C tablets and laptops into a workstation, anywhere you go. The USB Type-C multiport adapter provides
4K 60Hz HDMI (HDR10) video output, a USB Type-C port (data/power), two USB 3.2 Gen 1 Type-A (5Gbps) ports,
and a TRRS 4-channel audio port for headset and mic, all through a single connection to your laptop's USB-C or
Thunderbolt 3 port.
It offers advanced charging through USB 100W Power Delivery 3.0 and eliminates the need for an attached cable
with a direct/flush USB-C connection
The portable docking station features DP 1.4 support from the host side and supports a single HDMI monitor
resolution up to 4K 60Hz (4096 x 2160p), when connected to devices that support DP 1.4, to create a powerful
workstation.
The USB-C to USB 3.2 Gen 1 hub gives you two USB-A ports (one BC 1.2 charging port) and a USB-C port (shared
for power or data) to connect your USB devices.
With support for USB Power Delivery 3.0 (up to 100W), the USB Type-C multiport adapter lets you power and charge
your laptop, and power your peripherals when connected to a USB-C power adapter. The multiport adapter itself
reserves 8W leaving up to 92W of power for charging. PD 3.0 features Fast Role Swap to prevent USB data
disruption when you switch power sources (USB-C power adapter to bus power).
The DKT30ICHPD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: To ensure full adapter functionality, your laptop's USB-C port must support USB Power Delivery.
Certifications, Reports and Compatibility


Similar Part No. - DKT30ICHPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHPD3 STARTECH-DKT30CHPD3 Datasheet
149Kb / 4P
USB C Multiport Adapter - USB-C to HDMI 2.0b 4K 60Hz (HDR10), 100W Power Delivery Pass-Through, 4-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD STARTECH-DKT30CHSDPD Datasheet
139Kb / 5P
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
More results

Similar Description - DKT30ICHPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-GG TRIPPLITE-U442-DOCK8-GG Datasheet
176Kb / 4P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, Memory Card, 100W PD Charging, Gray
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com