Electronic Components Datasheet Search
  English  ▼

X  

DKT31CHVL Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT31CHVL
Description  USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHVL Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT31CHVL Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Connector(s)
Connector Type(s)
1 - HDMI (19 pin)
1 - VGA (15 pin, High Density D-Sub)
1 - RJ-45
1 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
1 - USB 3.2 USB Type C (10 pin, Gen 2, 10 Gbps)
Host Connectors
1 - USB 3.2 USB Type C (10 pin, Gen 2, 10 Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11, macOS 10.12 - 10.15, 11.0, 12.0,
Chrome OS, Android
Special Notes /
Requirements
System and Cable
Requirements
Host laptop with an available USB-C port (to ensure full
functionality, the laptop's USB-C port must support DP alt mode).
Power
Power Source
Bus Powered
Environmental
Operating Temperature
0C ~ 60C
Storage Temperature
-20C ~ 60C
Humidity
<90% RH
Physical
Characteristics
Color
Black
Form Factor
Attached Cable
Material
Aluminum and Plastic
Cable Length
9.8 in [25 cm]
Product Length
14.2 in [36.0 cm]
Product Width
2.4 in [6.1 cm]
Product Height
0.6 in [1.5 cm]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com