Electronic Components Datasheet Search
  English  ▼

X  

DKT31CHVL Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT31CHVL
Description  USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHVL Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT31CHVL Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The DKT31CHVL is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Leverage the USB-C port on your laptop or tablet to expand your connectivity to other interfaces, such as HDMI and
Gigabit Ethernet
• Connect your laptop to a projector and enjoy multimedia content at home, or display engaging presentations in
boardrooms and classrooms
• Use an HDMI port-equipped television in a hotel room as an external display when traveling
• Connect your laptop to wired Gigabit Internet, in locations where Wi-Fi isn't available
Features
• REPLACEMENT FOR DKT30CHV: New version offers same port functionality as DKT30CHV, plus 10Gbps USB-C
speed, additional USB-C port & extra-long 12" (29cm) attached cable
• ESSENTIAL PORT FUNCTIONAILTY: USB C multiport adapter w/ 4K 30Hz HDMI OR 1080p VGA video, 1x USB-A
& 1x USB-C (USB 3.1 Gen 2 10Gbps Hub), Gigabit Ethernet; backwards compatible w/USB 3.1 Gen 1 laptops
• IDEAL FOR PRESENTATIONS: USB C travel dock with both VGA & HDMI video, this multiport adapter connects to
conference room or classroom monitor or projector with a USB-C laptop, tablet and smartphone
• EXTRA LONG CABLE: Mini dock w/ 1ft (29cm) cable for easy setup & to reduce connector strain on 2-in-1 devices
like Surface Pro 7, iPad Pro, HP Elite X2 or laptops on riser stands like Lenovo X1 Carbon
• WIDE DEVICE COMPATIBILITY: USB-C and Thunderbolt 3 laptops, Ultrabooks, USB-C Chromebook, tablets and
phones for brands such as HP, Dell, Lenovo, MacBooks, iPad Pro, Surface, Samsung and Google
• WIDE OS COMPATIBILITY & EASY SETUP: Portable USB 3.1 Gen 2 Type-C multiport adapter features automatic
driver installation & supports Windows, macOS, Chrome OS, iPadOS and Android



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com