Electronic Components Datasheet Search
  English  ▼

X  

DKT31CHVL Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT31CHVL
Description  USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHVL Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT31CHVL Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHVL Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA
Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
Product ID: DKT31CHVL
This USB-C multiport adapter turns your USB-C or Thunderbolt 3 MacBook Pro, Windows laptop, Chromebook and
Android tablet into a workstation, anywhere you go. A USB 3.1 Gen 2 Type-C hub adapter, ideal for travel, features
everything from the essential HDMI or VGA video outputs to faster 10G USB-C & USB-A peripheral ports. All through
a single extended length 29cm USB-C attached host cable, providing more flexibility for harder to reach laptop and
tablet connections.
This USB-C multiport adapter features both an 4K 30Hz HDMI and VGA port providing you with two single video
output options for your boardroom presentations or your workstation setup including support for an ultra-wide monitor.
The USB-C travel dock is bus-powered through an attached extended length 29cm host cable, accommodating a
wide variety of setups, so there’s no need to carry around a separate bulky power adapter. Installation is fast and
simple, with native support in most operating systems and at only 1.94 ounces (55 g) and taking up less space than
your smartphone, this dock easily fits in your laptop bag or briefcase.
In addition to the video outputs, the portable USB-C dock gives you one 10G USB-C port and USB-A port to connect
your latest and legacy USB devices. The adapter also integrates a Gigabit Ethernet port to access a wired network.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: To setup and save custom windows layouts.
Mac Address Pass-Through Utility: To improve network security.
USB Event Monitoring Utility: To track and log connected USB devices
Wi-Fi Auto Switch Utility: Enabling users to quickly access faster network speeds via wired LAN.
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.StarTech.com/Connectivity-Tools


Similar Part No. - DKT31CHVL

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CH2CPD3 STARTECH-DKT31CH2CPD3 Datasheet
125Kb / 5P
USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station
DKT31CHDVCM STARTECH-DKT31CHDVCM Datasheet
149Kb / 5P
USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
DKT31CHPD3 STARTECH-DKT31CHPD3 Datasheet
149Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
More results

Similar Description - DKT31CHVL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGUB-C TRIPPLITE-U444-06N-VGUB-C Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to VGA Adapter with USB-A, USB-C PD Charging & Gigabit Ethernet, Thunderbolt 3 Compatible, 1080p, Black
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
U444-06N-VB-AM TRIPPLITE-U444-06N-VB-AM Datasheet
165Kb / 3P
USB-C to VGA Adapter, Thunderbolt 3 - M/F, USB 3.1, 1080p, Black
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
MTB3-DOCK-02 TRIPPLITE-MTB3-DOCK-02 Datasheet
186Kb / 5P
Thunderbolt 3 Dock, Dual Display - 4K 60 Hz, UHD, HDMI, DP, VGA, USB 3.2 Gen 1, USB-A/C Hub, GbE
MTB3-DOCK-03 TRIPPLITE-MTB3-DOCK-03 Datasheet
190Kb / 6P
Thunderbolt 3 Dock w USB-C Compatibility, Dual Display - 8K DisplayPort, USB 3.2 Gen 2 10G, USB-A/C Hub, Memory Card, GbE, 60W Charging
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com