Electronic Components Datasheet Search
  English  ▼

X  

DKT31CMDPHPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT31CMDPHPD
Description  USB C Multiport Adapter - USB-C to HDMI or Mini DisplayPort 4K 60Hz, 100W Power Delivery Pass-Through, 4-Port 10Gbps USB Hub - USB Type-C Mini Dock - w/ 12" Attached Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CMDPHPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT31CMDPHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interface
USB 3.2 Gen 2 - 10 Gbit/s
Bus Type
USB 3.2 Gen 2
USB Pass-Through
Yes
Chipset ID
Realtek - RTD2142S
VIA Labs - VL103
VIA Labs - VL822
VIA Labs - VL160
Terminus - FE8.1
Performance
Maximum Data Transfer
Rate
10Gbps on USB-C port, 10Gbps on USB-A ports
Maximum Cable Length
11.8 in [30 cm]
Maximum Digital
Resolutions
4K 60Hz (on hosts that support DP 1.4), 4K 30Hz (on hosts that
support DP 1.2)
Connector(s)
Connector Type(s)
1 - HDMI (19 pin)
1 - Mini DisplayPort
3 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
1 - USB Type-C (24 pin) USB Power Delivery Only
1 - USB 3.2 Type-C (24 pin, Gen 2, 10Gbps)
Host Connectors
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
Software
OS Compatibility
Windows 8.1, 10, 11<br / >macOS 10.13 to 10.15, 11, 12.0<br /
>Chrome OS, Ubuntu 18.04, 20.04, iPadOS, Android
Special Notes /
Requirements
System and Cable
Requirements
Host laptop with an available USB-C port (to ensure full
functionality, the laptop's USB-C port must support DP alt mode).
Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com