Electronic Components Datasheet Search
  English  ▼

X  

DKT31CMDPHPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT31CMDPHPD
Description  USB C Multiport Adapter - USB-C to HDMI or Mini DisplayPort 4K 60Hz, 100W Power Delivery Pass-Through, 4-Port 10Gbps USB Hub - USB Type-C Mini Dock - w/ 12" Attached Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CMDPHPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT31CMDPHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
Features
• 6-IN-1 USB-C MULTIPORT ADAPTER: Compact USB-C adapter w/ DP 1.4 Alt-Mode up to 4K 60Hz (4K 30Hz
w/DP 1.2) HDMI 2.0b or Mini DisplayPort video; 4-Port 10Gbps USB Hub (USB 3.2/3.1 Gen 2): 3x USB-A w/ 1x BC
1.2 charging, 2x USB-C (1x PD Passthrough, 1x data)
• EXTRA LONG CABLE: Portable USB Type-C multiport adapter dongle w/ 12" (30cm) attached cable for extended
reach to reduce port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite & laptops on risers;
Works with USB4, Thunderbolt 3 & 4
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• WIDE COMPATIBILITY: USBC mini dock works w/ USB-C laptops, ultrabooks & Chromebooks, plus TB3 laptops
like HP, Dell XPS 13 9310, Lenovo X1 Carbon 9th Gen, MacBooks (Intel processor & M1 chip), Surface Laptop 4;
Windows, macOS, iPadOS, Android & Chrome OS
• 4K 60HZ WITH DP 1.4 ALT-MODE: Supports 4K 60Hz on host devices that support DP 1.4 Alt-Mode (min. Intel
11th Gen); on host devices that support DP 1.2 Alt-Mode, maximum video resolution is 4K 30Hz; works w/
DisplayPort monitors using a mDP to DP cable
• PORTABLE & COMPACT: All-in-one USB-C multiport adapter dongle is made from durable aluminum & designed
for transport in a laptop bag for easy on-the-go use between office, home office, shared office spaces, and business
travel; works w/ 5Gbps USBC ports
Hardware
Warranty
3 Years
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
1
Ports
7
Audio
No



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com