Electronic Components Datasheet Search
  English  ▼

X  

DKT31CMDPHPD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT31CMDPHPD
Description  USB C Multiport Adapter - USB-C to HDMI or Mini DisplayPort 4K 60Hz, 100W Power Delivery Pass-Through, 4-Port 10Gbps USB Hub - USB Type-C Mini Dock - w/ 12" Attached Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CMDPHPD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT31CMDPHPD Datasheet HTML 1Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 2Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 3Page - StarTech.com Ltd. DKT31CMDPHPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Source
Bus Powered and Host USB-C Power Adapter
Power Delivery
100W
Power Consumption (In
Watts)
15W
Physical
Characteristics
Color
Space Gray
Cable Length
11.8 in [30 cm]
Product Length
4.6 in [11.6 cm]
Product Width
1.8 in [4.7 cm]
Product Height
0.6 in [1.6 cm]
Weight of Product
3.0 oz [84.3 g]
Packaging
Information
Package Quantity
1
Package Length
4.6 in [11.6 cm]
Package Width
5.5 in [14.0 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
5.4 oz [153.0 g]
What's in the Box
Included in Package
1 - USB-C Multiport Adapter
2 - Rubber Feet
1 - Quick-Start Guide
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com