Electronic Components Datasheet Search
  English  ▼

X  

RF600E Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # RF600E
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button RF600E Datasheet HTML 4Page - rfsolutions.ltd RF600E Datasheet HTML 5Page - rfsolutions.ltd RF600E Datasheet HTML 6Page - rfsolutions.ltd RF600E Datasheet HTML 7Page - rfsolutions.ltd RF600E Datasheet HTML 8Page - rfsolutions.ltd RF600E Datasheet HTML 9Page - rfsolutions.ltd RF600E Datasheet HTML 10Page - rfsolutions.ltd RF600E Datasheet HTML 11Page - rfsolutions.ltd RF600E Datasheet HTML 12Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
SLEEP
Holding this pin high will causes the device to run normally. Holding this pin low will causes the device to
enter a sleep mode where the current drain will be 1
µA (typically). Taking the pin high will cause the
device to run normally.
Grounding the learn/LED pin (10) will cause the device to wake from sleep and service either a learn or
erase request: on completion of the function the device will re-enter sleep mode.
Note that while in sleep mode the S0 – S4 and low battery outputs will held high.
Notes to obtain Minimal Current consumption
Sleep/run applications will require close attention to external circuitry in order to minimise the sleep current
and allow a typical circuit draw of 1
µA at +5 volts (with/without optional external eeprom).
With reference to the application schematic, the following should be noted;
1.
Fit an additional 2.2M
Ω resistor from pin 10 to +5 volts.
2.
Fit an additional 2.2M
Ω resistor from pin 3 to +5 volts.
3.
Connect controlling drive to pin 13: high for run and low for sleep.
4.
The S0 – S4 and low battery outputs are not asserted during sleep and will have to be sampled by the
controlling micro controller during run mode.
5.
The S0 – S4 and low battery LED’s are not required as part of the circuit and can be omitted of
required.
6.
Incoming data mark selection on pin 7 MUST be by a resistor (typically 22K) to either +5 or ground
and NOT by a direct connection.
7.
The RF/IR data input (pin 9) must be at a valid logic level at all times. In sleep mode, if this input is
allowed to float then significant device current may flow.
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com