Electronic Components Datasheet Search
  English  ▼

X  

RF600E Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # RF600E
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 1 Page - rfsolutions.ltd

  RF600E Datasheet HTML 1Page - rfsolutions.ltd RF600E Datasheet HTML 2Page - rfsolutions.ltd RF600E Datasheet HTML 3Page - rfsolutions.ltd RF600E Datasheet HTML 4Page - rfsolutions.ltd RF600E Datasheet HTML 5Page - rfsolutions.ltd RF600E Datasheet HTML 6Page - rfsolutions.ltd RF600E Datasheet HTML 7Page - rfsolutions.ltd RF600E Datasheet HTML 8Page - rfsolutions.ltd RF600E Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
• Highly Secure
Protocol
• RF Encoder & Decoder IC’s
• Simple to Use
• Stand Alone Operation
• Achieves Maximum Range from RF Modules
• 1 – 4 Switch Options (15 states)
• Decoder Serial Output
• Led Indication of Transmission
• Directly Compatible with Keeloq Decoder
• Easy Learn Feature of Transmitters
• Sleep Mode
• Up to 48 Transmitters can be Learned
Description
The RF Solutions RF600E, & RF600D are easy to use
encoder and decoder I/C’s. They have been designed to
achieve the maximum possible range from any radio / Infra
Red transmitter receiver set.
Unlike other encoder /decoder devices the RF600E/600D
provide an unprecedented level of security which prevents
copying or grabbing whist also obtaining optimum range
from the transmitter and receiver.
The devices are very easy to use and can be inserted
directly into a circuit. The RF600D has an easy learn
feature enabling it to learn up to 7 unique RF600E encoder
devices in standalone mode or up to 48 encoder devices
when used in conjunction with an external EEPROM.
These devices enable a simple but secure remote
telemetry application whilst obtaining the maximum range
from the radio set.
• Optimum Range:
⇒
AM up to 100m
⇒
FM up to 200m
⇒
IR up to 20m
• Compatible with RF Solutions Systems
Typical Applications
• General Purpose Remote Control
• Automotive alarm systems
• Gate and garage openers
• Electronic door locks
• Identity tokens
• Burglar alarm systems
Encoder
• 2.0-6.6V operation
RF600D
RF600E
1
2
3
4
8
7
6
5
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
• Automatic Battery Level Monitor
• ‘Manchester’ modulation
• 8 pin DIP/SOIC package
Decoder
• 18 pin DIP/SOIC package
• 4 Digital Outputs (15 States)
• Asynchronous serial interface
• 4.5V – 5.5V operation
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 1


Similar Part No. - RF600E

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF600E RFSOLUTIONS-RF600E Datasheet
792Kb / 24P
The RF Solutions RF600E, & RF600D are easy to use encoder and decoder I/C?셲.
More results

Similar Description - RF600E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
RF KEYBOARD ENCODER
logo
SamHop Microelectronics...
SM5028 SAMHOP-SM5028 Datasheet
45Kb / 8P
RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
3 RF ENCODER
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
3 RF ENCODER
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
RF DECODER
logo
ELAN Microelectronics C...
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
RF Keyboard Encoder
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com