Electronic Components Datasheet Search
  English  ▼

X  

RF600E Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # RF600E
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button RF600E Datasheet HTML 6Page - rfsolutions.ltd RF600E Datasheet HTML 7Page - rfsolutions.ltd RF600E Datasheet HTML 8Page - rfsolutions.ltd RF600E Datasheet HTML 9Page - rfsolutions.ltd RF600E Datasheet HTML 10Page - rfsolutions.ltd RF600E Datasheet HTML 11Page - rfsolutions.ltd RF600E Datasheet HTML 12Page - rfsolutions.ltd RF600E Datasheet HTML 13Page - rfsolutions.ltd RF600E Datasheet HTML 14Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
RF600D Application Circuit – With External EEPROM
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
Ω
1K
Ω
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
Ω
FM / IR
AM
22K
Ω
Fit One
Resistor Only
L
M
RF Re ceive r
15K
Ω
Vcc
8
EEPROM
93C76
Vcc
2
3
4
1
CLK
DI
DO
CS
5
GND
ECS
6
EDAT
8
Vcc
IN
This circuit provides a complete decoding solution capable of learning up to 48 unique encoders
A complete ‘ready to operate’ board using this circuit is available please see SA123 later in this datasheet
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com