Electronic Components Datasheet Search
  English  ▼

X  

1306000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1306000000
Description  KLIPPON POK 080806 EX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1306000000 Datasheet(HTML) 2 Page - Weidmuller

  1306000000 Datasheet HTML 1Page - Weidmuller 1306000000 Datasheet HTML 2Page - Weidmuller 1306000000 Datasheet HTML 3Page - Weidmuller 1306000000 Datasheet HTML 4Page - Weidmuller 1306000000 Datasheet HTML 5Page - Weidmuller 1306000000 Datasheet HTML 6Page - Weidmuller 1306000000 Datasheet HTML 7Page - Weidmuller 1306000000 Datasheet HTML 8Page - Weidmuller 1306000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data sheet
KLIPPON POK 080806 EX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate no. (cULus)
E256877
 
Dimensions and weights
 
Depth
55 mm
Depth (inches)
2.1654 inch
Height
75 mm
Height (inches)
2.9527 inch
Height of lowest version
55 mm
Width
80 mm
Width (inches)
3.1496 inch
Mounting dimension - height
45 mm
Mounting dimension - width
68 mm
Net weight
289 g
 
Temperatures
 
Operating temperature
-55 °C...100 °C
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant with exemption
RoHS Exemption (if applicable/known) 6c
REACH SVHC
Lead 7439-92-1
SCIP
afb385d0-c52b-4449-8502-203596817ab0
 
Cable glands, left
 
M12
1
M16
1
M20
1
 
Cable glands, right
 
M16
1
M20
1
M12
1
 
Cable glands, top/bottom
 
M20
1
M12
4
M25
1
M16
2
 
Certificate numbers enclosure
 
Declaration of Conformatiy No. (DoC
LVD)
DE PS2600 160412
001ISS02
Attestation of Conformatiy No. (AoC)
DE PS2600 160308
001ISS03
Certificate no. Terminal Box (KOSHA)
16-AV4BO-0246X
Certificate no. empty enclosure
(INMETRO)
LMP 23.0528U
Certificate No. (DNV)
TAE00002R2
Certificate no. Terminal Box (AEx)
E223792
Certificate no. Terminal Box (ATEX)
IBExU13ATEX1004 X
Certificate no. empty enclosure (ATEX) IBExU13ATEX1003 U
 
Creation date 26.02.2026 09:30:13 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com