Electronic Components Datasheet Search
  English  ▼

X  

1306000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1306000000
Description  KLIPPON POK 080806 EX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1306000000 Datasheet(HTML) 3 Page - Weidmuller

  1306000000 Datasheet HTML 1Page - Weidmuller 1306000000 Datasheet HTML 2Page - Weidmuller 1306000000 Datasheet HTML 3Page - Weidmuller 1306000000 Datasheet HTML 4Page - Weidmuller 1306000000 Datasheet HTML 5Page - Weidmuller 1306000000 Datasheet HTML 6Page - Weidmuller 1306000000 Datasheet HTML 7Page - Weidmuller 1306000000 Datasheet HTML 8Page - Weidmuller 1306000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data sheet
KLIPPON POK 080806 EX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Certificate no. Terminal Box (INMETRO) LMP 21.0021X
Certificate no. Terminal Box (IECEx)
IECEX IBE 13.0004X
Certificate no. empty enclosure (IECEx) IECEx IBE 13.0003U
Certificate No. (IECEX)
IECEXIBE13.0003U
Certificate No. (ATEX)
IBEXU13ATEX1003U
Certificate no. empty enclosure (AEx)
E223792
Approval conditions
ATEX, DNV, IECEX, LR,
RMRS, UL AEx Class Div.,
UL AEx Class Zone, cULus,
KC, CCC, INMETRO
Certificate no. (cULus)
E256877
 
General information
 
Material thickness of cover
3.6 mm
Material thickness of enclosure
4.29 mm
Operating temperature, max.
100 °C
Operating temperature, min.
-55 °C
UL 94 flammability rating
V-0
Lid attachment
Slotted/Phillips screws
Standards
DIN EN 62208 - Empty
enclosure standard, IEC
60079-0, IEC 60079-7,
IEC 60079-31
Surface finish
untreated, polished
Impact resistance
7 J ATEX version
Protection degree
IP66
Basic material
Glass fibre-reinforced
polyester
Seal material
Silicone
Torque for lid screws
2.5 Nm
Enclosure attachment
Installation through the
housing rear wall, Fixing
lugs
Protection class (UL)
Type 4, Type 4X
Number of lid screws
4
Access opening: width
71.42 mm
Required tool
SDK PZ2
Flange plate
No
Lid
Yes
Access opening: height
66.42 mm
Areas of use
Explosive risk zone,
Harbour facilities, Machine
construction, Process
industry, Transportation
 
horizontal assembly
 
WDU 2,5 / ZDU 2,5 / IDU 2,5
1x5
WDU 4 / ZDU 4
1x4
 
vertical assembly
 
WDU 2,5 / ZDU 2,5 / IDU 2,5
1x1*
WDU 4 / ZDU 4
1x1*
 
Classifications
 
ETIM 8.0
EC002503
ETIM 9.0
EC002503
ETIM 10.0
EC002503
ECLASS 14.0
27-18-05-02
ECLASS 15.0
27-18-05-02
 
 
Creation date 26.02.2026 09:30:13 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com