Electronic Components Datasheet Search
  English  ▼

X  

1306000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1306000000
Description  KLIPPON POK 080806 EX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1306000000 Datasheet(HTML) 1 Page - Weidmuller

  1306000000 Datasheet HTML 1Page - Weidmuller 1306000000 Datasheet HTML 2Page - Weidmuller 1306000000 Datasheet HTML 3Page - Weidmuller 1306000000 Datasheet HTML 4Page - Weidmuller 1306000000 Datasheet HTML 5Page - Weidmuller 1306000000 Datasheet HTML 6Page - Weidmuller 1306000000 Datasheet HTML 7Page - Weidmuller 1306000000 Datasheet HTML 8Page - Weidmuller 1306000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data sheet
KLIPPON POK 080806 EX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
The Klippon® POK enclosure range is made from a high-
quality glass fibre reinforced polyester and is ideal for
applications and environments where corrosion resis-
tance, impact resistance and a high IP protection class are
a requirement.
Key features of the extensive product range:
• Available in 17 sizes
• Two standard finishes (colours): grey (similar to RAL
7001 for industrial use) and black (similar to RAL 9011
for harsh environments, Ex)
• Cover with stainless steel screws in cross-head / slotted
design
• Moulded gasket made of silicone or chloroprene
• Fixing holes outside the sealed area to ensure high
ingress protection of IP66
• Impact resistance up to 7 Joules
• Mounting directly in the enclosure or using an internal
mounting plate
• Direct wall mounting possible using fixing holes or
mounting feet
• Fastening thread to attach mounting rails and plates
• Up to E60 fire rating dependent on the configuration
• Weidmüller can manufacture and supply this enclosure
to match customer specifications - fitted with all neces-
sary terminals and cable glands.
General ordering data
 
Version
Klippon POK (polyester empty enclosure), Empty
enclosure, Height: 75 mm, Width: 80 mm, Depth:
55 mm, Basic material: Glass fibre-reinforced poly-
ester, untreated, polished, black
Order No.
1306000000
Type
KLIPPON POK 080806 EX
GTIN (EAN)
4050118108439
Qty.
1 items
 
 
Creation date 26.02.2026 09:30:13 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1306000000

ManufacturerPart #DatasheetDescription
logo
Heyco.
13060 HEYCO-13060 Datasheet
117Kb / 1P
Self-Aligning Nylon Cable Clamps
logo
STEGO Elektrotechnik Gm...
13060.0-00 STEGO-13060.0-00 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
13060.0-01 STEGO-13060.0-01 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
13060.9-00 STEGO-13060.9-00 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
13060.9-01 STEGO-13060.9-01 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
More results

Similar Description - 1306000000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
logo
Texas Instruments
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
Boost and Dual LDOs with POK
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com