Electronic Components Datasheet Search
  English  ▼

X  

AD5061 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5061
Description  16-Bit VOUT, nanoDAC, SPI Interface, 2.7 V to 5.5 V in an SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5061 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5061 Datasheet HTML 2Page - Analog Devices AD5061 Datasheet HTML 3Page - Analog Devices AD5061 Datasheet HTML 4Page - Analog Devices AD5061 Datasheet HTML 5Page - Analog Devices AD5061 Datasheet HTML 6Page - Analog Devices AD5061 Datasheet HTML 7Page - Analog Devices AD5061 Datasheet HTML 8Page - Analog Devices AD5061 Datasheet HTML 9Page - Analog Devices AD5061 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5061
Data Sheet
Rev. E | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to +7.0 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Grade)
−40°C to + 85°C
Extended Automotive Temperature
Range (Y Grade)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Power Dissipation
(TJ max − TA)/θJA
Thermal Impedance
θJA
206°C/W
θJC
44°C/W
Reflow Soldering (Pb-Free)
Peak Temperature
260°C
Time at Peak Temperature
10 sec to 40 sec
Electrostatic Discharge (ESD)
1.5 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
This device is a high performance integrated circuit with an
ESD rating of <2 kV, and is ESD sensitive. Take proper
precautions for handling and assembly.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com