Electronic Components Datasheet Search
  English  ▼

X  

AD5061 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5061
Description  16-Bit VOUT, nanoDAC, SPI Interface, 2.7 V to 5.5 V in an SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5061 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5061 Datasheet HTML 9Page - Analog Devices AD5061 Datasheet HTML 10Page - Analog Devices AD5061 Datasheet HTML 11Page - Analog Devices AD5061 Datasheet HTML 12Page - Analog Devices AD5061 Datasheet HTML 13Page - Analog Devices AD5061 Datasheet HTML 14Page - Analog Devices AD5061 Datasheet HTML 15Page - Analog Devices AD5061 Datasheet HTML 16Page - Analog Devices AD5061 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
0.0010
0.0008
0.0006
0.0004
0.0002
0
–0.0002
–0.0004
–0.0006
–0.0008
–25 –20 –15 –10
–5
0
5
10
15
20
25
30
CURRENT (mA)
CODE = MIDSCALE
VDD = 5V, VREF = 4.096V
VDD = 3V, VREF = 2.5V
VDD = 5.5V
VDD = 3V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–25 –20 –15 –10
–5
0
5
10
15
20
25
30
IOUT (mA)
CODE = MIDSCALE
VDD = 5V, VREF = 4.096V
VDD = 3V, VREF = 2.5V
VDD = 3V, VREF = 2.5V
VDD = 5V, VREF = 4.096V
2.1
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–10µs
9.96µs
8µs
6µs
4µs
2µs
0
–2µs
–4µs
–6µs
–8µs
VDD = 5.5V
VREF = 4.096V
10% TO 90% RISE TIME = 0.688µs
SLEW RATE = 1.16V/µs
DAC
OUTPUT
1.04V
2.04V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com