Electronic Components Datasheet Search
  English  ▼

X  

AD5061 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5061
Description  16-Bit VOUT, nanoDAC, SPI Interface, 2.7 V to 5.5 V in an SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5061 Datasheet(HTML) 3 Page - Analog Devices

  AD5061 Datasheet HTML 1Page - Analog Devices AD5061 Datasheet HTML 2Page - Analog Devices AD5061 Datasheet HTML 3Page - Analog Devices AD5061 Datasheet HTML 4Page - Analog Devices AD5061 Datasheet HTML 5Page - Analog Devices AD5061 Datasheet HTML 6Page - Analog Devices AD5061 Datasheet HTML 7Page - Analog Devices AD5061 Datasheet HTML 8Page - Analog Devices AD5061 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5061
Rev. E | Page 3 of 20
SPECIFICATIONS
VDD = 5.5 V, VREF = 4.096 V, RL = unloaded, CL = unloaded, and TMIN to TMAX, unless otherwise specified.
Table 2.
B Grade1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Relative Accuracy (INL)2
±0.5
±4
LSB
−40°C to +85°C, B grade
±0.5
±4
LSB
−40°C to +125°C, Y grade
Total Unadjusted Error (TUE)
±0.5
±3.0
mV
−40°C to +85°C, B grade
±0.5
±3.0
mV
−40°C to +125°C, Y grade
Differential Nonlinearity (DNL)
±0.5
±1
LSB
Guaranteed monotonic, −40°C to +85°C, B grade
±0.5
±1
LSB
Guaranteed monotonic, −40°C to +125°C,
Y grade
Gain Error
±0.01
±0.05
% of FSR
TA = −40°C to +85°C, B grade
±0.01
±0.05
% of FSR
TA = −40°C to +125°C , Y grade
Gain Error Temperature Coefficient
1
ppm of FSR/°C
Offset Error
±0.02
±3.0
mV
TA = −40°C to + 85°C, B grade
±0.02
±3.0
mV
TA = −40°C to + 125°C, Y grade
Offset Error Temperature Coefficient
0.5
µV/°C
Full-Scale Error
±0.05
±3.0
mV
All 1s loaded to DAC register,
TA = −40°C to +85°C, B grade
±0.05
±3.0
mV
All 1s loaded to DAC register,
TA = −40°C to +125°C , Y grade
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VREF
V
Output Voltage Settling Time
4
µs
¼ scale to ¾ scale code transition to ±1 LSB,
RL = 5 kΩ
Output Noise Spectral Density
64
nV/√Hz
DAC code = midscale, 1 kHz
Output Voltage Noise
6
µV p-p
DAC code = midscale , 0.1 Hz to 10 Hz bandwidth
Digital to Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, RL = 5 KΩ
Digital Feedthrough
0.003
nV-s
DAC code = full-scale
DC Output Impedance (Normal)
0.015
Ω
Output impedance tolerance ±10%
DC Output Impedance (Power-Down)
(Output Connected to 1 kΩ Network)
1
kΩ
Output impedance tolerance ±400 Ω
(Output Connected to 100 kΩ Network)
100
kΩ
Output impedance tolerance ±20 kΩ
Capacitive Load Stability
1
nF
Loads used: RL = 5 kΩ, RL = 100 kΩ, RL = ∞
Output Slew Rate
1.2
V/µs
¼ scale to ¾ scale code transition to ±1 LSB,
RL = 5 kΩ, CL = 200 pF
Short-Circuit Current
60
mA
DAC code = full-scale, output shorted to GND,
TA = 25°C
45
mA
DAC code = zero-scale, output shorted to VDD,
TA = 25°C
DAC Power-Up Time
4.5
µs
Time to exit power-down mode to normal
mode of AD5061, 24th clock edge to 90% of
DAC final value, output unloaded
DC Power Supply Rejection Ratio
−92
dB
VDD ± 10%, DAC code = full-scale
Wideband Spurious-Free Dynamic Range
−67
dB
Output frequency = 10 kHz
REFERENCE INPUT/OUTPUT
VREF Input Range4
2
VDD − 50
mV
Input Current (Power-Down)
±0.1
µA
Zero-scale loaded
Input Current (Normal)
±0.5
µA
DC Input Impedance
1
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com