Electronic Components Datasheet Search
  English  ▼

X  

36912000000 Datasheet(PDF) 1 Page - Rohm

Part # 36912000000
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

36912000000 Datasheet(HTML) 1 Page - Rohm

  36912000000 Datasheet HTML 1Page - Rohm 36912000000 Datasheet HTML 2Page - Rohm 36912000000 Datasheet HTML 3Page - Rohm 36912000000 Datasheet HTML 4Page - Rohm 36912000000 Datasheet HTML 5Page - Rohm 36912000000 Datasheet HTML 6Page - Rohm 36912000000 Datasheet HTML 7Page - Rohm 36912000000 Datasheet HTML 8Page - Rohm 36912000000 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AC/DC Convertor
Isolated PWM type, 12 W (12 V/1.0 A)
BM2P134E-Z Evaluation Board


Similar Part No. - 36912000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
36912000000 LITTELFUSE-36912000000 Datasheet
176Kb / 3P
Radial Lead Fuses
More results

Similar Description - 36912000000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0211-04 POWER-SYSTEMS-PS-DA0211-04 Datasheet
230Kb / 4P
DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0245-01 POWER-SYSTEMS-PS-DA0245-01 Datasheet
269Kb / 4P
DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
logo
Artesyn Technologies
SMT05E-12W3V3J ARTESYN-SMT05E-12W3V3J_15 Datasheet
527Kb / 3P
12 V Non-Isolated DC-DC Converters
logo
Rohm
BM2PXX1W-Z ROHM-BM2PXX1W-Z Datasheet
1Mb / 32P
AC/DC Convertor IC Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
20.May.2022 Rev.002
logo
Advantech Co., Ltd.
BB-SMI6B-12-4-P5 ADVANTECH-BB-SMI6B-12-4-P5 Datasheet
586Kb / 2P
AC-DC Power Supply 6W, 12 V, 0.5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com