Electronic Components Datasheet Search
  English  ▼

X  

36912000000 Datasheet(PDF) 10 Page - Rohm

Part # 36912000000
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

36912000000 Datasheet(HTML) 10 Page - Rohm

Back Button 36912000000 Datasheet HTML 6Page - Rohm 36912000000 Datasheet HTML 7Page - Rohm 36912000000 Datasheet HTML 8Page - Rohm 36912000000 Datasheet HTML 9Page - Rohm 36912000000 Datasheet HTML 10Page - Rohm 36912000000 Datasheet HTML 11Page - Rohm 36912000000 Datasheet HTML 12Page - Rohm 36912000000 Datasheet HTML 13Page - Rohm 36912000000 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
Measurement DATA
Constant Load Regulations
Figure 10. Load Regulation
(IOUT vs. VOUT)
Figure 11. Load Regulation
(IOUT vs. Efficiency)
Figure 12. Load Regulation
(IOUT vs. FSW)
Figure 13. Load Regulation
(IOUT vs. PLOSS)
11.0
11.4
11.8
12.2
12.6
13.0
0
0.5
1
1.5
Output Current [A]
90
264
40
45
50
55
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
Output Current [A]
90
264
40
50
60
70
80
90
100
110
120
130
140
0
0.2
0.4
0.6
0.8
1
Output Current [A]
90
264
0
1
1
2
2
3
3
0
0.2
0.4
0.6
0.8
1
Output Current [A]
90
264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com