Electronic Components Datasheet Search
  English  ▼

X  

36912000000 Datasheet(PDF) 3 Page - Rohm

Part # 36912000000
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

36912000000 Datasheet(HTML) 3 Page - Rohm

  36912000000 Datasheet HTML 1Page - Rohm 36912000000 Datasheet HTML 2Page - Rohm 36912000000 Datasheet HTML 3Page - Rohm 36912000000 Datasheet HTML 4Page - Rohm 36912000000 Datasheet HTML 5Page - Rohm 36912000000 Datasheet HTML 6Page - Rohm 36912000000 Datasheet HTML 7Page - Rohm 36912000000 Datasheet HTML 8Page - Rohm 36912000000 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1 / 14
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Jan.2021
User’s Guide
AC-DC Convertor
PWM type Isolated ACDC Converter
Output 12 W 12 V/1.0 A
BM2P134E Reference Board
BM2P134E-EVK-001
Futures
(1)
Built-in 650 V SJ-FET and Start up circuit
(2)
Frequency 130 kHz
(3)
Corresponded W/W input voltage 90 Vac to 264 Vac
(4)
Adjustable under voltage lock out by BR terminal
(5)
Adjustable AC over voltage protection by ZT terminal
Electrical Characteristics
Table 1. Input Range
Description
Min
Typ
Max
Units
Conditions
Input Voltage Range
90
230
264
Vac
Input Frequency Range
47
50/60
63
Hz
Operating Temperature
-
10
25
65
°C
Table 2. Evaluation board specification
These are representative values and not a guarantee of the characteristics, unless stated otherwise use VIN = 230 Vac, IOUT = 1.0 A, Ta: 25 ° C.
Description
Min
Typ
Max
Units
Conditions
Output Voltage
11.4
12
12.6
V
Output Maximum Power
-
-
12
W
Output Current Range (Note1)
-
-
1.0
A
No Load Power Consumption
-
150
-
mW
VIN = 264 Vac
Efficiency
-
84.5
-
%
Output Ripple Voltage (Note2)
-
-
300
mV
(Note 1) Adjust the operating time so that surface temperature of no component exceeds 105 ° C
(Note 2) Do not consider spike noise
Figure 1. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com