Electronic Components Datasheet Search
  English  ▼

X  

979021 Datasheet(PDF) 4 Page - KNIPEX

Part # 979021
Description  KNIPEX Crimp Assortments in TANOS MINI-systainers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

979021 Datasheet(HTML) 4 Page - KNIPEX

  979021 Datasheet HTML 1Page - KNIPEX 979021 Datasheet HTML 2Page - KNIPEX 979021 Datasheet HTML 3Page - KNIPEX 979021 Datasheet HTML 4Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KNIPEX Quality - Made in Germany
12
12 42 195
10.0 mm2
0.03 mm2
Distributed by:
KNIPEX-Werk
C. Gustav Putsch KG
Oberkamper Straße 13
42349 Wuppertal
Germany
Phone:
+49 202 47 94-0
Fax:
+49 202 47 74 94
Internet: www.knipex.de
E-Mail:
info@knipex.de
12 ”Multistrip 10“, Self-Adapting Universal Insulation Stripper
Precise stripping from 0.03 up to
10.0 mm2
Opens automatically once the stripping
operation is completed
Steel restrain jaws with cutting edges
avoid skidding of the cable
The cutting edges at the
steel clamping jaws (1) firm-
ly restrain the insulated
cable and avoid skidding. The
stripping blades (2) cut to
the correct depth and
remove the insulation cleanly
without any manual adjust-
ment.
Article-No. 9 EAN-
9 Stripping capacities
Length
Code
mm
mm2
AWG
g
12 42 195
054580
0.03-10.0
32-7
300
12 49 21
057581
spare blades
12 49 22
057598
spare clamping jaws
12 49 23
057604
spare length stop
1
1
2
2
patented
fully automated adjustment to
the respective cross-section-
depending insulation thick-
nesses in a range from 0.03 -
10.0 mm2
the so far common fine adjust-
ment of the tool is no longer
necessary due to the unique
self-infeeding of the cutting
depth preventing damage to
the conductor
the steel-made restrain jaws
with integrated cutting edges
very often also allow profes-
sional stripping of cables with
demanding insulating materials
like
PTFE and Radox®
with wire cutter for copper and
aluminium wires, multiple
stranded up to 10 mm2 and
single stranded up to 6 mm2
smoothly operating mechanism
easily interchangeable screw-
on style blades, length stop and
restrain jaws with cutting
edges
body made of tough fibreglass
reinforced plastic
ergonomic soft compound zone
in the handle area for a secure
grip
Wire cutter for
multiple stranded
wire cables up to
10.00 mm2
Radox® is a registered trademark of Huber & Suhner AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com