Electronic Components Datasheet Search
  English  ▼

X  

979021 Datasheet(PDF) 2 Page - KNIPEX

Part # 979021
Description  KNIPEX Crimp Assortments in TANOS MINI-systainers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

979021 Datasheet(HTML) 2 Page - KNIPEX

  979021 Datasheet HTML 1Page - KNIPEX 979021 Datasheet HTML 2Page - KNIPEX 979021 Datasheet HTML 3Page - KNIPEX 979021 Datasheet HTML 4Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KNIPEX Quality - Made in Germany
97 90 21
97 90 22
97 90 23
97 90 24
I n a TANOS MINI-systainer®
(solid plastic box)
two stackable plastic inserts with
6 trays each for connectors
Article-No.
0 EAN-Code
0 Pliers
0 Connectors
00
0
4003773-
g
97 90 21
062134
Cable Connectors style and description as per
1420
Article-No. (25 pcs. each) 97 99 01 / 02 / 14 / 15 /
97 90 22
062141
16 / 17 / 18 / 34 / 35 (20 pcs. each) 97 99 21 / 22 / 36
1550
97 90 23
062158
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
1220
100 pcs. each 4.0 / 6.0 mm2
97 90 24
062394
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
1355
100 pcs. each 4.0 / 6.0 mm2 / 50 pcs. 10.0 mm2
New KNIPEX Crimp Assortments, in
TANOS MINI-systainers
Contents of the new assortments
Article-No.
0 EAN-Code
0 Pliers
0 Connectors
00
0
4003773-
g
97 90 00
025375
Cable Connectors (25 pcs. each) style and description as per
1450
Article-No. 97 99 01 / 02 / 04 / 07 /
97 90 01
025382
09 / 14 / 16 / 17 / 20 / 21 / 34 / 35
1180
97 90 05
025535
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
945
150 pcs. each 4.0 / 6.0 mm2; 50 pcs. each 10.0 / 16.0 mm2
97 90 06
025542
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 mm2; 150 pcs. 2.5 mm2
1015
75 pcs. each 4.0 / 6.0 mm2; 50 pcs. 10.0 mm2; 40 pcs. 16.0 mm2
97 90 07
026877
500 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
830
97 90 08
026990
300 pcs. each 0.5 / 0.75 / 1.0 / 1.5 mm2
840
200 pcs. 2.5 mm2
97 90 09
028574
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
1170
100 pcs. each 4.0 / 6.0 mm2; 50 pcs. 10.0 mm2
97 90 10
046202
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
1360
100 pcs. each 4.0 / 6.0 mm2; 50 pcs. 10.0 mm2
97 90 12
048916
200 pcs. each 0.5 / 0.75 / 1.0 / 1.5 / 2.5 mm2
1430
100 pcs. each 4.0 / 6.0 mm2; 50 pcs. 10.0 mm2
Contents of the established assortments in new TANOS MINI-systainers
97 52 36
97 52 36
97 52 38
12 42 195
97 53 04
97 53 04
97 53 08
12 40 200
97 71 180
97 61 145 F
97 61 145 F
97 00 215 A
97 32 225
97 71 180
12 40 200
97 53 08
12 42 195
NE
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com