Electronic Components Datasheet Search
  English  ▼

X  

979021 Datasheet(PDF) 3 Page - KNIPEX

Part # 979021
Description  KNIPEX Crimp Assortments in TANOS MINI-systainers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

979021 Datasheet(HTML) 3 Page - KNIPEX

  979021 Datasheet HTML 1Page - KNIPEX 979021 Datasheet HTML 2Page - KNIPEX 979021 Datasheet HTML 3Page - KNIPEX 979021 Datasheet HTML 4Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
97
97 52 36
97 52 38
97 52 30
97 52 33
97 52 34
97 52 35
97 52 50
several boxes can be
connected with each other
systainer® is a registered trademark of TANOS GmbH
97 Crimping Pliers ”PreciForce“
for solder-free electrical
connections
repetitive, high crimping
quality due to precision dies
and integral lock (self-
releasing mechanism)
these tools have been set
precisely (calibrated) in the
factory
high transmission of force
thanks to lever action for
fatigue-reduced working
good handling thanks to
favourable handle position,
low weight, short design and
ergonomically shaped handles
all stressed parts are made of
special steel, oil-hardened and
tempered
head burnished, two-colour
dual component handles
Article-No. 9 EAN-
9 Range of Application
9 Capacity
Code
Length
4003773-
mm2
AWG
mm
g
97 52 30
051855
non-insulated
1.5-10.0
15-7
220
490
butt connectors
97 52 33
051862
non-insulated terminals
0.5-10.0
20-7
220
490
and plug connectors
97 52 34
051879
non-insulated
4.8 mm
0.1-2.5
27-13
220
490
97 52 35
051886
open plug-type
6.3 mm
0.5-6.0
20-10
220
490
connectors
97 52 36
051893
insulated terminals
0.5-6.0
20-10
220
490
and connectors
97 52 38
051909
end sleeves
0.5-6.0
20-10
220
490
(ferrules)
97 52 50
051916
COAX-BNC-Connectors
220
490
RG 58, 174, 188, 316
97 49 94
030947
locator for 97 52 34
97 49 95
031000
locator for 97 52 35
The new Crimping Pliers
provide a very good handling
and amazingly high leverage
despite the compact size.
Particularly favourable for
larger cross sections.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com