Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAR4002
Description  Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAR4002 Datasheet HTML 2Page - Analog Devices ADAR4002 Datasheet HTML 3Page - Analog Devices ADAR4002 Datasheet HTML 4Page - Analog Devices ADAR4002 Datasheet HTML 5Page - Analog Devices ADAR4002 Datasheet HTML 6Page - Analog Devices ADAR4002 Datasheet HTML 7Page - Analog Devices ADAR4002 Datasheet HTML 8Page - Analog Devices ADAR4002 Datasheet HTML 9Page - Analog Devices ADAR4002 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
User Guide
EVAL-ADAR4002
EVALUATION BOARD SOFTWARE QUICK START PROCEDURES
analog.com
Rev. 0 | 6 of 21
The following procedures detail how to power-up the evaluation
board and begin using the ACE Software ADAR4002 plug-in. The
ADAR4002 plug-in can be installed with the ACE Plug-in Manager.
1. Connect SDP-S controller board to the ADAR4002-EVALZ eval-
uation board via the P5 connector. Do not connect to the SDP-S
to the PC yet.
2. Connect a supply cable from the red 1P2V test loop to a black
AGND test loop. Set Channel 1 of the power supply to 1.2V. Do
not turn on the power supply at this point.
3. Connect Channel 2 of the power supply to the red 1P0V and a
AGND black test loop and set Channel 2 to 1.0V. Still keep the
power supply turned off.
4. Connect the VNA to the RF1 and RF2 SMA connectors. Ensure
that the VNA RF power is set to at least 15dB less than the
minimum ADAR4002 input P1dB, or about −10dBm.
5. Turn on the power supply.
6. Plug the USB miniconnector of the USB cable (provided with
the SDP-S controller board) into the SDP-S controller board
and the USB connector into the PC.
7. Launch the ACE Software. If the PC is connected to the
SDP-S via the USB cable and the SDP-S is connected to the
ADAR4002-EVALZ board, the ADAR4002 Board plug-in will be
shown in the Attached Hardware area of the ACE Software
window. See Figure 6. Double click the ADAR4002 Board
plug-in.
8. The ADAR4002 Board tab opens, with the ADAR4002 chip
plug-in icon, shown in Figure 7. Double click the ADAR4002
chip icon to open the ADAR4002 Chip Plugin (Main GUI) (see
Figure 8).
9. Click Soft Reset to initialize the chip to its default settings.
10. On the main GUI, the user can set all the DSA and Time
Delay Unit values of the variable attenuation and phase (VAP)
block. Note upon power up, the VAP is set to the maximum
attenuation and minimum time delay, as seen in Figure 8. After
changing any value, click Load Single DSA/TDU State to write
the new values over the SPI onto VAP.
Typical gain and return loss performance are shown in Figure 4 and
Figure 5, respectively.
Figure 4. ADAR4002 Typical Gain vs. Frequency over DSA Code 0 and DSA
Code 31, and Time Delay Range = 0 and Time Delay Range = 1
Figure 5. ADAR4002 Return Loss vs. Frequency for RF1 and RF2 and DSA
Code 0 and DSA Code 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21