Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAR4002
Description  Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAR4002 Datasheet HTML 8Page - Analog Devices ADAR4002 Datasheet HTML 9Page - Analog Devices ADAR4002 Datasheet HTML 10Page - Analog Devices ADAR4002 Datasheet HTML 11Page - Analog Devices ADAR4002 Datasheet HTML 12Page - Analog Devices ADAR4002 Datasheet HTML 13Page - Analog Devices ADAR4002 Datasheet HTML 14Page - Analog Devices ADAR4002 Datasheet HTML 15Page - Analog Devices ADAR4002 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
User Guide
EVAL-ADAR4002
ADAR4002 PLUGIN OVERVIEW
analog.com
Rev. 0 | 12 of 21
SEQUENCER CONFIGURATION
Click Sequencer Configuration in the main GUI to open the
Sequencer Configuration subview shown in Figure 12. This
subview allows a user to reset Sequencer A and Sequencer B
(Sequencer_Reset), select Sequencer A or Sequencer B as the
active sequencer (Sequencer Selection), set the active sequencer
direction (ascend or descend), and set the Start and Stop for
each Sequencer Pointer. To apply the sequencer settings, click
Write Start/Stop Values. Click Update Sequencer to advance the
active sequencer to the next TDU and DSA state in the register
memory.
Figure 12. Sequencer Configuration Subview
The following is an example that details how to configure and
operate Sequencer A, and Figure 13 also shows Step 1, Step 2,
and Step 3 of this example:
1. Configure TDU and DSA values for TDU and DSA State 0
through TDU and DSA State 7 in the DSA_TD Configuration
subview:
►
State 0: TDU code = 0 and DSA code = 0
►
State 1: TDU code = 0 and DSA code = 11
►
State 2: TDU code = 0 and DSA code = 21
►
State 3: TDU code = 0 and DSA code = 31
►
State 4: TDU code = 0 and DSA code = 41
►
State 5: TDU code = 0 and DSA code = 51
►
State 6: TDU code = 0 and DSA code = 61
►
State 7: TDU code = 0 and DSA code = 63
Then, click Load_Update in the DSA_TD Configuration sub-
view to write the data into the first rank registers, to load the
data from the first rank to the second rank registers, and to
perform an update command.
2. Read back the data from the second rank registers by clicking
Read TD_DSA_VAP in the Register_Value_Read Back sub-
view. The attenuation and time delay data that was set in Step 1
displays in the readout boxes if the data was written and loaded
correctly.
3. Set up and update the sequencer by doing the following in the
Sequencer Configuration subview:
►
Check the Sequencer_Reset box for A.
►
Uncheck the Sequencer Selection box to select A as the
active sequencer.
►
Check the Sequencer Selection (check: ascend) box to
ascend through the states in the register memory.
►
Set Sequencer A Start pointer to 0
►
Set Sequencer A Stop pointer to 7.
►
Click Write Start/Stop Values to program the sequencer
settings.
►
Click Update Sequencer to load State 0 onto the VAP. Click
Update Sequencer again to advance to State 1 and click a
third time to advance to State 2. Continuing to click Update
Sequencer to sequence through the remaining states.
The output signal power changes from state to state due to the dif-
ferent attenuation settings of each state. When Update Sequencer
is clicked while at State 7, the sequencer advances back to the
Start pointer value, which is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com