Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAR4002
Description  Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAR4002 Datasheet HTML 13Page - Analog Devices ADAR4002 Datasheet HTML 14Page - Analog Devices ADAR4002 Datasheet HTML 15Page - Analog Devices ADAR4002 Datasheet HTML 16Page - Analog Devices ADAR4002 Datasheet HTML 17Page - Analog Devices ADAR4002 Datasheet HTML 18Page - Analog Devices ADAR4002 Datasheet HTML 19Page - Analog Devices ADAR4002 Datasheet HTML 20Page - Analog Devices ADAR4002 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
User Guide
EVAL-ADAR4002
ORDERING INFORMATION
analog.com
Rev. 0 | 20 of 21
EVALUATION BOARDS
Table 1. Evaluation Boards
Model1
Description
ADAR4002-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.
BILL OF MATERIALS
Table 2. ADAR4002-EVALZ Evaluation Board Bill of Materials (Installed)
Reference Designator
Description
Part Number
Manufacturer
1P0V, 1P2V, VIO_3P
Connector, PCB, test points, red
TP-104-01-02
Components Corporation
AGND, AGND1, and AGND2
Connector, PCB, test points, black
TP-104-01-00
Components Corporation
C1, C7, and C17
Ceramic capacitors, 1μF, 6.3V, 10%, X5R, 0402
04026D105KAT2A
AVX
C3, C10, and C13
Ceramic capacitors, 100pF, 50V, 5%, C0G, 0402
C1005NP01H101J050BA
TDK
C2, C6, C16, C20, and C23
Ceramic capacitors, 0.1μF, 16V, 10%, X7R, 0402,
AEC-Q200
GCM155R71C104KA55D
Murata
C4, C5, C18, and C21
Ceramic capacitors, 10pF, 50V, 5%, C0G, 0402
CC0402JRNPO9BN100
Yageo
C8 and C9
Ceramic capacitors, 0.01μF, 25V, 10%, X8R, 0402 C1005X8R1E103K
TDK
CLKIN, CSB_CLKO, DATA_IO, and
DATA_O
Connectors, PCB, SMA, straight edge mount
SMA-J-P-X-ST-EM1
Samtec
DUT
IC, 0.5GHz to 19GHz 1-channel, bidirectional true
time delay unit
ADAR4002
Analog Devices, Inc.
J1, J2, J3, RF1, and RF2
Connectors, PCB, end, launch, SMA edge mount,
50Ω, 0GHz to 26.5GHz, for tight GND holes use
ALT_SYMBOLS
142-0761-881
Cinch
P10
Connector, PCB, header, straight, male
HTSW-106-08-G-D
Samtec
P12 and P13
Connector, PCB, two position, unshrouded,
0.635mm square post header, 5.84mm post height,
2.54mm solder tail, 2.54mm pitch
HTSW-102-07-L-S
Samtec
P5
Connector, PCB, board to board receptacle,
straight, 0.60mm pitch
FX8-120S-SV(21)
Hirose Electric
P8 and P9
Connector, PCB, BERG header straight male, 3
position
TSW-103-08-G-S
Samtec
R1, R3, and R13
Resistor, surface-mounted device (SMD), 100Ω,
5%, 1/10W, 0402, AEC-Q200
ERJ-2GEJ101X
Panasonic
R7, R9, R10, R14, R15, R16, R26, R27,
R28, R29, R30, R31, R37, R38, R39,
R40, R41, R43, R44, R46, R47, R48,
and R58
Resistors, SMD, 0Ω, jumper, 1/10W, 0402, AEC-
Q200
ERJ-2GE0R00X
Panasonic
R2, R12, R17, R18, R19, R20, R21,
R23, R57, R68, and R69
Resistors, SMD, 10kΩ, 1%, 1/10W, 0402, AEC-
Q200
ERJ-2RKF1002X
Panasonic
R24, R25, R42, R45, R49, and R56
Resistors, SMD, 1kΩ, 5%, 1/16W, 0402
RC0402JR-071KL
Yageo
R32, R34, and R36
Resistors, SMD, 100kΩ, 1%, 1/10W, 0402 AEC-
Q200
ERJ-2RKF1003X
Panasonic
U1 and U3
IC, 4-bit, 100MBPS, configurable, dual-supply,
level translators
NLSX5014MUTAG
On Semiconductor
U2
IC, 32KBIT, serial, electrically erasable
programmable read-only memory (EEPROM)
24LC32A-I/ST
Microchip Technology
U4
IC, transistor-transistor logic (TTL), quad, 2-input
data selector/mutliplexer
MC74HC157ADG
On Semiconductor
UPDATE
Connector, PCB, SMA, straight jack, 50Ω, contact
center surface mount with thru hole legs
132134-15
Amphenol RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com