Electronic Components Datasheet Search
  English  ▼

X  

RM3545 Datasheet(PDF) 3 Page - TDK Electronics

Part # RM3545
Description  Common mode filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RM3545 Datasheet(HTML) 3 Page - TDK Electronics

  RM3545 Datasheet HTML 1Page - TDK Electronics RM3545 Datasheet HTML 2Page - TDK Electronics RM3545 Datasheet HTML 3Page - TDK Electronics RM3545 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E M C
C o m p o n e n t s
(3/4)
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20241022
cmf_automotive_power_acm55v_en
ACM55V type
■SHAPE & DIMENSIONS
■RECOMMENDED LAND PATTERN
■CIRCUIT DIAGRAM
■RECOMMENDED REFLOW PROFILE
■PACKAGING STYLE
□REEL DIMENSIONS
□TAPE DIMENSIONS
□PACKAGE QUANTITY
■TEMPERATURE RANGE, INDIVIDUAL WEIGHT
* The operating temperature range of this product does not include
self-heating. The product can be used up to 150°C including self-
heating.
When using the product in an environment at 125°C, use the product
within the current range shown in the table on page 1/4 of this
catalog.
**The storage temperature range is for after the assembly.
1
2
4
3
1.0±0.2
1.0±0.2
5.5±0.2
(3.5)
1.0±0.2
1.0±0.2
(1.8)
3.5
6.5
1
2
4
3
• No polarity
Natural
cooling
5s max.
60 to 120s
Preheating
10 to 30s
Soldering
230°C
230°C
245°C
180°C
150°C
Time
Peak
Type
A
B
K
ACM55V
(5.9)
(5.9)
(3.7)
Package quantity
1,500 pcs/reel
Operating
temperature range *
Storage
temperature range **
Individual
weight
–40 to +125 °C
–40 to +125 °C
0.25 g
(ø21)
22.4 max.
16.4+2.0/-0
ø13.0±0.2
2.0±0.5
ø330±2
A
ø1.55±0.05
Sprocket
hole
0.4±0.05
K
4±0.1
2±0.1
8.0±0.1
160min.
Taping
440min.
Drawing direction
500 to 560min.
Dimen
sions in mm
Dimen
sions in mm
Dimen
sions in mm
Dimen
sions in mm
Dimen
sions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com