Electronic Components Datasheet Search
  English  ▼

X  

RM3545 Datasheet(PDF) 4 Page - TDK Electronics

Part # RM3545
Description  Common mode filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RM3545 Datasheet(HTML) 4 Page - TDK Electronics

  RM3545 Datasheet HTML 1Page - TDK Electronics RM3545 Datasheet HTML 2Page - TDK Electronics RM3545 Datasheet HTML 3Page - TDK Electronics RM3545 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E M C
C o m p o n e n t s
(4/4)
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20241022
cmf_automotive_power_acm55v_en
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using this products
REMINDERS
⃝The storage period is within 12 months. Be sure to follow the storage conditions (temperature: 5 to 40°C, humidity: 10 to 75%
RH or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
⃝Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
⃝Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
⃝When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip
due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
⃝Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set
thermal design.
⃝Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
⃝Use a wrist band to discharge static electricity in your body through the grounding wire.
⃝Do not expose the products to magnets or magnetic fields.
⃝Do not use for a purpose outside of the contents regulated in the delivery specifications.
⃝The products described in this catalog are intended to be installed in automobiles or automotive electronic equipment (AV
equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal
equipment, office equipment, measurement equipment, industrial robots) and to be used in automobiles (including the case
where the said automotive product is mounted in a vehicle) or standard applications as general electronic equipment in
automotive applications or standard applications as general electronic equipment in automotive applications in accordance with
the scope and conditions described in this specification, while the said automotive or general electronic equipment including the
said product is intended to be used in the usual operation and usage methods, respectively. Other than automotive or
automotive products are not designed or warranted to meet the requirements of the applications listed below, whose
performance and/or quality requires a more stringent level of safety or reliability, or whose failure, malfunction or defect could
cause serious damage to society, person or property.
Please understand that we are not responsible for any damage or liability caused by use of the products in any of the applications
below or for any other use exceeding the range or conditions set forth in this specification sheet.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or
conditions set forth in this specification, please contact us.
(1) Aerospace/aviation equipment
(2) Transportation equipment (electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration
securing protection circuit/device or providing backup circuits in your equipment.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com