Electronic Components Datasheet Search
  English  ▼

X  

RM3545 Datasheet(PDF) 1 Page - TDK Electronics

Part # RM3545
Description  Common mode filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RM3545 Datasheet(HTML) 1 Page - TDK Electronics

  RM3545 Datasheet HTML 1Page - TDK Electronics RM3545 Datasheet HTML 2Page - TDK Electronics RM3545 Datasheet HTML 3Page - TDK Electronics RM3545 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E M C
C o m p o n e n t s
(1/4)
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20241022
cmf_automotive_power_acm55v_en
Common mode filters
Automotive power line (for power train/safety)
ACM-V series
ACM55V type
■FEATURES
⃝Exclusive square type closed magnetic core designed as an exclusive core is used, so it can be small while maintaining the
same features.
⃝Low profile design makes it optimal for surface mounting.
⃝Excellent impedance characteristics, making it great for suppressing common mode noise.
⃝It can handle up to a maximum of 4.7A, including temperature derating.
⃝Covers a wide operating temperature range from –40 to +125°C.
⃝Operating temperature range: -40 to +125°C(Does not include self-heating.)
⃝Compliant with AEC-Q200
■APPLICATION
⃝Measures against common mode noise in power lines for various DC power lines, multimedia devices, and various electronic
devices, including automotive power trains and safety applications.
■PART NUMBER CONSTRUCTION
■CHARACTERISTICS SPECIFICATION TABLE
* Please refer to the derating curve for the rated current.
Derating
Measurement equipment
* Equivalent measurement equipment may be used.
ACM
55V
-
701
-
2PL
-
TL
00
Series
name
L×W×H dimensions
5.5×5.5×3.5 mm
Impedance
(
Ω) at 100MHz
Number of
lines
Packaging
style
Internal
code
Common mode impedance
[at 100MHz]
DC resistance
Rated current *
Operating environment temperature
Rated voltage
Insulation
resistance
Part No.
-40~85 ℃
105 ℃
125 ℃
(
Ω)min.
(
Ω)typ.
(m
Ω)max.
(A)max.
(A)max.
(A)max.
(V)max.
(M
Ω)min.
500
700
17
4.7
4.0
3.1
80
10
ACM55V-701-2PL-TL00
Measurement item
Product No. *
Manufacturer
Common mode impedance
4991B
Keysight Technologies
DC resistance
RM3545
HIOKI E.E. CORPORATION
Insulation resistance
4339B
Keysight Technologies
–40
65
85
105
125
Temperature (°C )
0
2
4
6
8
10
ACM55V-701


Similar Part No. - RM3545

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RM3545 TDK-RM3545 Datasheet
251Kb / 4P
Inductors for power circuits Wound ferrite
20221202
More results

Similar Description - RM3545

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
Common Mode Line Filters
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
COMMON MODE FILTERS
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
Common Mode Filters
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
Common Mode Filters
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
Common mode filters
29-Jul-2014
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
Common mode filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com