Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 99 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 99 Page - Rohm

Back Button ML22Q533 Datasheet HTML 95Page - Rohm ML22Q533 Datasheet HTML 96Page - Rohm ML22Q533 Datasheet HTML 97Page - Rohm ML22Q533 Datasheet HTML 98Page - Rohm ML22Q533 Datasheet HTML 99Page - Rohm ML22Q533 Datasheet HTML 100Page - Rohm ML22Q533 Datasheet HTML 101Page - Rohm ML22Q533 Datasheet HTML 102Page - Rohm ML22Q533 Datasheet HTML 103Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 OUTSTAT command timing
 SAFE command timing
 ERRCL command timing
NCR
BUSYB
OUTSTAT command
1
st byte
CBUSYB
(internal)
(internal)
STATUS1
STATUS2
output status
ch0 NCR output
ch1 BUSYB output
ERR
(internal)
STATUS2
SCL
SDA
Slave Address
A
W
A
A
tCB1
tCB1
OUTSTAT command
2
nd byte
VOH
VOL
Status
NCR
BUSYB
Command is being processed
Awaiting command
CBUSYB
(internal)
(internal)
tCB1
tCB1
Command is being processed
SCL
SDA
Slave Address
A
W
A
A
Awaiting command
Awaiting command
SAFE command
1
st byte
SAFE command
2
nd byte
VOH
VOL
ERRCL command
VOH
VOL
tCB1
00h
20h
00h
CBUSYB
(internal)
RDERR
ERR register
SCL
SDA
Slave Address
A
W
A
99/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com