Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 15 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 15 Page - Rohm

Back Button ML22Q533 Datasheet HTML 11Page - Rohm ML22Q533 Datasheet HTML 12Page - Rohm ML22Q533 Datasheet HTML 13Page - Rohm ML22Q533 Datasheet HTML 14Page - Rohm ML22Q533 Datasheet HTML 15Page - Rohm ML22Q533 Datasheet HTML 16Page - Rohm ML22Q533 Datasheet HTML 17Page - Rohm ML22Q533 Datasheet HTML 18Page - Rohm ML22Q533 Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● AC Characteristics (Clock Synchronous Serial Interface)
SPVDD=SPOVDD
≥DV
DD=IOVDD=2.7 to 5.5V, DGND=SPGND=SPOGND=0V, Ta=-40 to +105°C, Load capacitance of output pin =15pF(Max.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CSB input enable time from IRON falling edge
tEIRON
—
1000
—
—
ns
CSB hold time from IRON rising edge
tIRONH
—
1000
—
—
ns
SCK setup time from CSB falling edge
tSCKS
—
100
—
—
ns
SCK input enable time from CSB falling edge
tESCK
—
100
—
—
ns
SCK hold time from CSB rising edge
tCSH
—
100
—
—
ns
Data floating time from CSB rising edge
tDOZ
RL=3KΩ
—
—
100
ns
Data setup time from SCK
tDIS
—
50
—
—
ns
Data hold time from SCK
tDIH
—
50
—
—
ns
Data output delay time from SCK
tDOD
—
—
—
90
ns
SCK "H" level pulse width
tSCKH
—
100
—
—
ns
SCK "L" level pulse width
tSCKL
—
100
—
—
ns
CBUSYB output delay time from SCK
tDBSY
—
—
—
90
ns
<When rewriting the flash memory using the clock synchronous serial interface>
SPVDD=SPOVDD
≥DV
DD=IOVDD=2.7 to 5.5V, DGND=SPGND=SPOGND=0V, Ta=-40 to +105°C, Load capacitance of output pin =15pF(Max.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CSB input enable time from IRON falling edge
tEIRON
—
1000
—
—
ns
CSB hold time from IRON rising edge
tIRONH
—
1000
—
—
ns
SCK setup time from CSB falling edge
tSCKS
—
125
—
—
ns
SCK input enable time from CSB falling edge
tESCK
—
125
—
—
ns
SCK hold time from CSB rising edge
tCSH
—
125
—
—
ns
Data floating time from CSB rising edge
tDOZ
RL=3KΩ
—
—
125
ns
Data setup time from SCK
tDIS
—
50
—
—
ns
Data hold time from SCK
tDIH
—
50
—
—
ns
Data output delay time from SCK
tDOD
—
—
—
110
ns
SCK "H" level pulse width
tSCKH
—
125
—
—
ns
SCK "L" level pulse width
tSCKL
—
125
—
—
ns
15/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com