Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 62 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 62 Page - Rohm

Back Button ML22Q533 Datasheet HTML 58Page - Rohm ML22Q533 Datasheet HTML 59Page - Rohm ML22Q533 Datasheet HTML 60Page - Rohm ML22Q533 Datasheet HTML 61Page - Rohm ML22Q533 Datasheet HTML 62Page - Rohm ML22Q533 Datasheet HTML 63Page - Rohm ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Playback start timing by PLAY command
When the first byte of the PLAY command is input, the device waits for the input of the second byte after the command
processing time (tCB1). When the second byte is entered, the address data of the phrase to be played after the command
processing time (tCB2) is read from the flash memory.
When the phrase address data is read, the specified phrase starts playback, and when playback is completed, the BUSYB
signal of the playback channel becomes "H" level.
The NCR signal goes to the "L" level during playback preparation, and goes to the "H" level when playback preparation is
completed and playback starts. When the NCR signal of the playback channel becomes "H" level, the PLAY command of the
next phrase to be played can be accepted.
*1 The length of the "L" interval in the BUSYBn is (tCB2+ sound production time).
CSB
Status
Command is being processed
Playing
SCK
SI
NCRn
BUSYBn
Awaiting command
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being
controlled
Awaiting command
*1
PLAY command
1
st byte
(internal)
(internal)
VOH
VOL
CBUSYB
Awaiting command
PLAY command
2
nd byte
tCB2
tCB1
62/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com