Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 146 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 146 Page - Rohm

Back Button ML22Q533 Datasheet HTML 142Page - Rohm ML22Q533 Datasheet HTML 143Page - Rohm ML22Q533 Datasheet HTML 144Page - Rohm ML22Q533 Datasheet HTML 145Page - Rohm ML22Q533 Datasheet HTML 146Page - Rohm ML22Q533 Datasheet HTML 147Page - Rohm ML22Q533 Datasheet HTML 148Page - Rohm ML22Q533 Datasheet HTML 149Page - Rohm ML22Q533 Datasheet HTML 150Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● Power-on flow
● MCU command interface flash memory access migration/cancel
Power on, RESETB "L"
RESETB "H"
Yes
No
Wait 10us
Power-down state
Power-down state
PUP command
FDIRECT command
ChipErase
Wait 5s(typ)
*
StatusRead
Program 256byte units
Wait 0.4ms(typ)
StatusRead
Write end?
Power-down state
RESETB “L”
Yes
No
Flash memory
access
*:Wait times are checked by StautsRead
146/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com