Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 157 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 157 Page - Rohm

Back Button ML22Q533 Datasheet HTML 153Page - Rohm ML22Q533 Datasheet HTML 154Page - Rohm ML22Q533 Datasheet HTML 155Page - Rohm ML22Q533 Datasheet HTML 156Page - Rohm ML22Q533 Datasheet HTML 157Page - Rohm ML22Q533 Datasheet HTML 158Page - Rohm ML22Q533 Datasheet HTML 159Page - Rohm ML22Q533 Datasheet HTML 160Page - Rohm ML22Q533 Datasheet HTML 161Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● Read flow in the two-times input mode (applicable to the playback sound error detection command group)
First command input
(1Byte)
Yes
No
End
Second command input
(1Byte)
Yes
No
Second ERRCL command input
Yes
No
CBUSYB
"H"?
CBUSYB
"H"?
STATUS1, 2 pins
"L"?
First command input
(inputting again)
No
Yes
No
CBUSYB
"H"?
Yes
First ERRCL command input
Yes
No
STATUS1, 2 pins
"L"?
Second command input
(inputting again)
STATUS1, 2 pins
"L"?
First command input
(2Byte)
Second command input
(2Byte)
Yes
No
Yes
No
CBUSYB
"H"?
STATUS1, 2 pins
"L"?
Second ERRCL command input
Yes
No
CBUSYB
"H"?
First ERRCL command input
Yes
No
STATUS1, 2 pins
"L"?
First read
Second read
Start
157/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com