Electronic Components Datasheet Search
  English  ▼

X  

LM930 Datasheet(PDF) 2 Page - LM Technologies Ltd

Part # LM930
Description  LM930 Bluetooth® low energy Module (with IPEX Connector)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM930 Datasheet(HTML) 2 Page - LM Technologies Ltd

  LM930 Datasheet HTML 1Page - LM Technologies Ltd LM930 Datasheet HTML 2Page - LM Technologies Ltd LM930 Datasheet HTML 3Page - LM Technologies Ltd LM930 Datasheet HTML 4Page - LM Technologies Ltd LM930 Datasheet HTML 5Page - LM Technologies Ltd LM930 Datasheet HTML 6Page - LM Technologies Ltd LM930 Datasheet HTML 7Page - LM Technologies Ltd LM930 Datasheet HTML 8Page - LM Technologies Ltd LM930 Datasheet HTML 9Page - LM Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
General Specification
Standalone (With Embedded Bluetooth® v4.1 Stack)
Wireless
Bluetooth® Standard
Module Type
Profiles
v4.1
Standalone (Embedded Bluetooth® Stack)
GATT-Based
Hardware
Chipset
Antenna
Microcontroller (MCU)
EEPROM Memory
RAM
Programming Interface
Interfaces
Power Supply
Crystal Oscillators
Development Kit
Qualcomm®
IPEX Connector
16-bit RISC
512 kB
64 kB
SPI
I C, UART, AIO and PIO
3V3 (3V6 Max)
32 kHz and 16 MHz
LM53X
RF Characteristics
Tx Output Power
Rx Sensitivity
Current Consumption (Cont.Tx)
Current Consumption (Cont.Rx)
Range (in open space)
Data Rate
Frequency
0 dBm to 9 dBm
-92 dBm (Typical)
14 mA (at 0 dBm), 15.9 mA (at 3 dBm) and <25 mA (at 9 dBm)
22 mA (Typical)
110m + (with a 2 dBi antenna)
Up to 1 Mbps
2.4 GHz to 2.485 GHz
-30°C to +85°C
22mm x 10.11mm x 2.50mm
0.82g
See our website for this products certifications
RoHS, REACH and WEEE Compliant Solution
Physical Characteristics
Operating Temperature
Dimensions (L x W x H)
Weight
Certifications
Compliance
LM930
Page 2 of 14
+44(0) 207 428 2647 | sales@lm-technologies.com
LM930 Bluetooth® low energy Module (with IPEX Connector)
Part No
Product
See Last Page
LM930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com