Electronic Components Datasheet Search
  English  ▼

X  

LM930 Datasheet(PDF) 7 Page - LM Technologies Ltd

Part # LM930
Description  LM930 Bluetooth® low energy Module (with IPEX Connector)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM930 Datasheet(HTML) 7 Page - LM Technologies Ltd

Back Button LM930 Datasheet HTML 3Page - LM Technologies Ltd LM930 Datasheet HTML 4Page - LM Technologies Ltd LM930 Datasheet HTML 5Page - LM Technologies Ltd LM930 Datasheet HTML 6Page - LM Technologies Ltd LM930 Datasheet HTML 7Page - LM Technologies Ltd LM930 Datasheet HTML 8Page - LM Technologies Ltd LM930 Datasheet HTML 9Page - LM Technologies Ltd LM930 Datasheet HTML 10Page - LM Technologies Ltd LM930 Datasheet HTML 11Page - LM Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Standalone (With Embedded Bluetooth® v4.1 Stack)
LM930
Page 7 of 14
+44(0) 207 428 2647 | sales@lm-technologies.com
LM930 Bluetooth® low energy Module (with IPEX Connector)
Part No
Product
See Last Page
LM930
Module Block Diagram
IPEX
Connector
Filter
XTAL
32 kHz
512 kB
Qualcomm Chipset
LM930
BT_RF
VBAT / PADS
E PROM
XTAL
16 MHz
UART
I C
2
PWM
SPI_Debug
PIO
AIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com