Electronic Components Datasheet Search
  English  ▼

X  

LM930 Datasheet(PDF) 6 Page - LM Technologies Ltd

Part # LM930
Description  LM930 Bluetooth® low energy Module (with IPEX Connector)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM930 Datasheet(HTML) 6 Page - LM Technologies Ltd

Back Button LM930 Datasheet HTML 2Page - LM Technologies Ltd LM930 Datasheet HTML 3Page - LM Technologies Ltd LM930 Datasheet HTML 4Page - LM Technologies Ltd LM930 Datasheet HTML 5Page - LM Technologies Ltd LM930 Datasheet HTML 6Page - LM Technologies Ltd LM930 Datasheet HTML 7Page - LM Technologies Ltd LM930 Datasheet HTML 8Page - LM Technologies Ltd LM930 Datasheet HTML 9Page - LM Technologies Ltd LM930 Datasheet HTML 10Page - LM Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Standalone (With Embedded Bluetooth® v4.1 Stack)
Pin Assignments
Pin
1
2
3
4
5
6
7
8
9
10
11
12*
13
14
15
16
17
18*
19*
20*
21
22
23
24
25
26
27
Name
GND
GND
GND
AIO2
AIO1
AIO0
GND
IO0
IO1
IO3
IO4
IO5 / SPI
GND
GND
GND
VDD_PADS
VBAT
IO6 / SPI
IO7 / SPI
IO8 / SPI
GND
IO9
IO10 / I C
IO11 / I C
SPIPION
WAKE
GND
Type
Ground
Ground
Ground
Input
Input
Input
Ground
I/O
I/O
I/O
I/O
I/O
Ground
Ground
Ground
Power
Power
I/O
I/O
I/O
Ground
I/O
I/O
I/O
Input
Input
Ground
Description
Common Ground
Common Ground
Common Ground
Analogue Input
Analogue Input
Analogue Input
Common Ground
UART TX
UART RX
Programmable Input Output (PIO)
Programmable Input Output (PIO)
Programmable Input Output (PIO) / DEBUG_CLK
Common Ground
Common Ground
Common Ground
Positive supply for all digital and analogue I/O Pins
Module battery power supply DC
Programmable Input Output (PIO) / DEBUG_CS#
Programmable Input Output (PIO) / DEBUG_MOSI
Programmable Input Output (PIO) / DEBUG_MISO
Common Ground
Programmable Input Output (PIO)
Programmable Input Output (PIO) / SDA
Programmable Input Output (PIO) / SCL
High to enable the SPI debug interface, Low to enable PIO
Toggle to wake from Dormant Mode
Common Ground
* for SPI at P12, P18, P19 and P20 set P25 to High.
* for PIO at P12, P18, P19 and P20 set P25 to Low.
Typical
0V
0V
0V
0V
0V
0V
0V
3V3
3V3
0V
0V
Min
1V2
1V8
Max
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
3V6
3V6
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD_BAT
LM930
Page 6 of 14
+44(0) 207 428 2647 | sales@lm-technologies.com
LM930 Bluetooth® low energy Module (with IPEX Connector)
Part No
Product
See Last Page
LM930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com