Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 5 Page - Analog Devices

Part # LT5502
Description  Demo board DC333A Quick Start Guide.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5502 Datasheet(HTML) 5 Page - Analog Devices

  LT5502 Datasheet HTML 1Page - Analog Devices LT5502 Datasheet HTML 2Page - Analog Devices LT5502 Datasheet HTML 3Page - Analog Devices LT5502 Datasheet HTML 4Page - Analog Devices LT5502 Datasheet HTML 5Page - Analog Devices LT5502 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Basic tests and measurements.
1. Connect test equipment and power supplies to the demo board as shown in Figure 4.
To turn ON the LT5502 IC set two dip switches:
• STBY – ON, which is LOW (shift switching knob to the left on dip switch 2).
• EN – OFF, which is HIGH (shift switching knob to the right on dip switch 1).
2. Set power supply #1 output for +3.0 V and current limit for 40 mA. Set power supply
#2 output for +3.0 V and current limit for 40 mA. Nominal DC current for each
power supply should be about 25 mA.
• NOTES: A single power supply can be used for both supply inputs. For
precise power consumption measurements, two power supplies are preferred.
• Power supply #2 is used for external baseband drivers and should be set for
3.0 V to 5.0 V. Power supply #1 provides supply voltage to the LT5502 IC
and can be set from 1.8 to 5.25 V.
3. Set signal generator #1 for 280 MHz, CW mode, with output power –50 dBm.
4. Set signal generator #2 for 570 MHz, CW mode, with output power –10 dBm. NOTE:
280 MHz input and 570 MHz LO frequencies will result in 5.0 MHz Baseband (BB)
output signal.
5. Set spectrum analyzer: frequency span 0 to 10 MHz, amplitude reference (top of the
screen) to +10 dBm, Res BW = 100 KHz, VBW = 30 KHz.
6. BB output power measurement. Place a marker on the measured 5.0 MHz tone.
Measure power of 5.0 MHz BB (offset) signal in Q. The power should be 1.5 to 3.5
dBm.
NOTE: Test points E1, E2, E6 and E7 are provided for reference. If necessary, test
points E1 or E2 can be used for optional I-channel BB outputs tests and
measurements. Correspondingly, test points E6 and E7 can be used for optional Q-
channel BB outputs tests and measurements. In this case C10, C11, C14 and C15
should be removed.
7. Optional BB output power measurement. Measure power of 5.0 MHz BB (offset)
signal of the other (I) channel. Power should be very close to step 6 measurements.
8. 3.0 dB limiting sensitivity measurement. Put a marker on the measured 5.0 MHz tone
in reference measuring mode. Reduce power of signal generator #1 (in 1 dB steps)
until the 5.0 MHz marker drops by a factor of 3.0 dB. The corresponding signal level
at signal generator #1 output is the signal level representing the sensitivity related to –
3.0 dB Baseband output signal drop. This IF input signal level should be –79 dBm to
–77 dBm for evaluation boards with an IF input transformer, and –76 dBm to –70
dBm for evaluation boards without an IF input transformer.
9. RSSI measurements. Change signal generator #1 output power with 1 or 2 dB step
increments, from –85 to +5.0 dBm. RSSI output measured by digital DC voltmeter
should be 0.25 to 1.05 V correspondingly.
10. BB phase and amplitude mismatch measurements. Connect two (vertical) inputs of
the oscilloscope to the I/Q BB outputs (SMA connectors J2 and J3). Measurements
should be done with internal or external 50-ohm termination resistors. NOTE:
Oscilloscope should be 1GHz or faster. Calibration and identical connecting cables
are required. Measure the phase and amplitude errors. Phase error should be +/- 2.0
degrees maximum. Amplitude error should be within +/- 0.25 dB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com