Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 3 Page - Analog Devices

Part # LT5502
Description  Demo board DC333A Quick Start Guide.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5502 Datasheet(HTML) 3 Page - Analog Devices

  LT5502 Datasheet HTML 1Page - Analog Devices LT5502 Datasheet HTML 2Page - Analog Devices LT5502 Datasheet HTML 3Page - Analog Devices LT5502 Datasheet HTML 4Page - Analog Devices LT5502 Datasheet HTML 5Page - Analog Devices LT5502 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
The LT5502 has two reduced-power modes of operation. In shutdown mode, power is reduced
to less than 1µA. In standby mode with current consumption of 2.6mA, the baseband outputs
are pre-biased at their nominal quiescent voltages. This allows instant turn-on with no delay
when the LT5502 is interfaced to a baseband chip using large coupling capacitors.
Applications and implementation issues
IF input external circuitry
The external IF input circuitry to the LT5502 can be configured in several different ways,
depending on cost, available board space and performance considerations.
1:4 RF transformer (Figure 3a)
A 1:4 RF transformer with a 240-ohm resistor in the secondary provides a broadband 50-ohm
impedance match at the primary. A Mini-Circuits JTX-4-10T 1:4 RF transformer or similar
transformers from other manufacturers can be used. The cascaded NF is degraded by the
transformer loss (1.0 to 2.0 dB). A 1:1 RF transformer can also be used with a 51 to 62 ohm
terminating resistor in the secondary of the transformer.
Direct 50-ohm termination (Figure 3b)
This circuit offers a simple and economical solution for single-ended-to-differential
conversion, although with a penalty of reduced sensitivity. A 62 ohm resistor provides
broadband 50-ohm impedance matching. The cascaded NF for the IF circuit is degraded by
2.0 dB. Figure 1 shows a version of the demo board DC333A with 62 ohm terminating
resistor.
22 nF
62 ohm
22 nF
IF Input
To LT5502
6
7
22 nF
240 ohm
1:4 RF
transformer
IF input
To LT5502
6
7
Figure 3a
Figure 3b



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com