Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 2 Page - Analog Devices

Part # LT5502
Description  Demo board DC333A Quick Start Guide.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5502 Datasheet(HTML) 2 Page - Analog Devices

  LT5502 Datasheet HTML 1Page - Analog Devices LT5502 Datasheet HTML 2Page - Analog Devices LT5502 Datasheet HTML 3Page - Analog Devices LT5502 Datasheet HTML 4Page - Analog Devices LT5502 Datasheet HTML 5Page - Analog Devices LT5502 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Circuit Description
The LT5502 consists of an IF limiting amplifier with 84dB small signal gain,
quadrature-converting mixers, low pass filters, and an RSSI section. Figure 1 shows the
LT5502 block diagram. In operation, an IF signal is limited by high gain amplifiers, and is
then demodulated into in-phase (I) and quadrature (Q) baseband signals using quadrature
local oscillator (LO) carriers that are generated on-chip from an external 2xLO signal. The
demodulated I/Q baseband signals are passed through fully integrated 5th-order low pass
filters and output drivers. Demo board DC333A has additional output drivers, which provide
50-ohm output impedance.
The LT5502 has a 4dB noise figure and an achievable sensitivity of –86 dBm. Figure
2 shows the baseband I/Q output voltage swing versus IF input power at an IF frequency of
280MHz. The receive signal strength indicator (RSSI) is built into the IF limiter, and offers a
linear IF signal detection range of 90 dB.
I/Q Output Swing, RSSI Ouput
vs IF Input Power
200
400
600
800
1000
-85
-70
-55
-40
-25
-10
5
IF Input Power (dBm)
0.2
0.4
0.6
0.8
1
1.2
Figure 2. Baseband I/Q differential output voltage swing and RSSI output versus IF input
power. (IF Frequency = 280MHz, with a 1:4 IF input transformer, and without IF interstage
filtering.)
The quadrature demodulators are double-balanced mixers. The quadrature LO carriers are
obtained from an on-chip divide-by-two circuit. For this reason, the external 2XLO signal must
be twice the LO frequency.
The lowpass filters on the I and Q channels serve for anti-aliasing and pulse-shaping. The 3-dB
corner frequency is 7.7MHz, and the group delay ripple is less than 17ns. The filter
characteristics are stable over the temperature range from -40°C to +85°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com