Electronic Components Datasheet Search
  English  ▼

X  

LTC5587 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC5587
Description  6GHz RMS Power Detector with 12-bit Digital Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5587 Datasheet(HTML) 4 Page - Analog Devices

  LTC5587 Datasheet HTML 1Page - Analog Devices LTC5587 Datasheet HTML 2Page - Analog Devices LTC5587 Datasheet HTML 3Page - Analog Devices LTC5587 Datasheet HTML 4Page - Analog Devices LTC5587 Datasheet HTML 5Page - Analog Devices LTC5587 Datasheet HTML 6Page - Analog Devices LTC5587 Datasheet HTML 7Page - Analog Devices LTC5587 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC5587
4
9.
The Software allows datalog of output data, and
saves the file as .adc format, which Microsoft
Excel® can be used to open. Equivalent output
voltage can be calculated from the ADC code
based on the V
REF as follows.
=
Where VREF=1.8V for the standard demo board.
10. Linearity Error at any input power level can be
calculated from the Vout, given the best fit
slope and Log intercept, as follows:
Best fit slope is taken for Pin from -20dBm to 0dBm.
11. Averaging Function can be turned on by clicking
on the upper left hand corner on the front control
panel, Figure 3.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com