Electronic Components Datasheet Search
  English  ▼

X  

LTC5587 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC5587
Description  6GHz RMS Power Detector with 12-bit Digital Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5587 Datasheet(HTML) 3 Page - Analog Devices

  LTC5587 Datasheet HTML 1Page - Analog Devices LTC5587 Datasheet HTML 2Page - Analog Devices LTC5587 Datasheet HTML 3Page - Analog Devices LTC5587 Datasheet HTML 4Page - Analog Devices LTC5587 Datasheet HTML 5Page - Analog Devices LTC5587 Datasheet HTML 6Page - Analog Devices LTC5587 Datasheet HTML 7Page - Analog Devices LTC5587 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC5587
3
DC1638A QUICK START PROCEDURE
Demonstration circuit 1638A is easy to set up to
evaluate the performance of the LTC5587. Refer to
Figure 2 for measurement equipment setup and follow
the procedure below:
1. Connect DC power negative (-) supply to GND
test point.
2. Connect DC power positive(+) supply to VCC
and EN.
3. Set JP1(VDD) to 3.3V.
This will power the
LTC5587 Digital supply using the on board 3.3V
regulator. The on board 3.3V regulator receives
power from the DC590B board.
4. Set JP2(VREF) to VREG. This will supply the
VREF using the on board 1.8V regulator. The on
board 1.8V regulator receives power from the
VCC supply.
5. Set JP3(OVDD) to 3.3V. This will power up the
ADC output digital driver using the on board
3.3V regulator, which gets the power from
DC590B.
6. Connect the signal generator’s output to
J1(RFIN), using the SMA connector.
A 3dB
attenuator pad may be used to improve
broadband match, which will shift the detected
power range up by 3dB.
7. The
LTC5587
software
control
panel
automatically opens when the DC1638A demo
board is connected to the DC590B board. Using
the Quick Eval software, set the VREF voltage to
1.8V.
8. Click on Collect to start reading the ADC.
NOTES:
1.
The voltage on the EN test point must never
exceed VCC + 0.3V.
Figure 1. Standard Demo Board Return Loss
2.
For digitally modulated signals, an oscilloscope
can be used to observe the AC components of
the output.
3.
If no DC power supply is available. DC1638A can
also be power up using the on board 3.3V
regulator. Connect the 3.3V test point to VCC
and EN.
4.
Pin 6, C
SQ is the Optional Low Frequency Range
Extension
Capacitor.
Use
this
pin
for
frequencies below 250MHz.
Connect 0.01uF
from Pin 8 to ground for 10MHz operation.
5.
The software can display either ADC count, or
the calculated voltage based on the ADC VREF
input. Go to tools=>options to select.
6.
The vertical axis can be toggled between Auto
and Full by clicking on it at the upper left corner
of the control panel.
7.
Do not exceed +15dBm, the absolute maximum
average RF input power.
8.
Vout is the analog input voltage to the ADC.
VREF defines the full-scale output range of ADC,
0V to VREF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com