Electronic Components Datasheet Search
  English  ▼

X  

LTC5587 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC5587
Description  6GHz RMS Power Detector with 12-bit Digital Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5587 Datasheet(HTML) 2 Page - Analog Devices

  LTC5587 Datasheet HTML 1Page - Analog Devices LTC5587 Datasheet HTML 2Page - Analog Devices LTC5587 Datasheet HTML 3Page - Analog Devices LTC5587 Datasheet HTML 4Page - Analog Devices LTC5587 Datasheet HTML 5Page - Analog Devices LTC5587 Datasheet HTML 6Page - Analog Devices LTC5587 Datasheet HTML 7Page - Analog Devices LTC5587 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC5587
2
Output Variation vs Temperature
PIN = -34 to +6dBm
±1 dB
Deviation from CW Response
EDGE 3π/8 Shifted 8PSK, PIN = -34 to +6dBm
±0.1 dB
f = 2140MHz
RF Input Power Range
CW input: Externally Matched to 50Ω Source
-34 to 6 dBm
Linear Dynamic Range, CW
±1 dB linearity error
43 dB
Output Slope
73 LSB/dB
Logarithmic Intercept
-42dBm
Output Variation vs Temperature
PIN = -34 to +6dBm
±1 dB
Deviation from CW Response
12 dB peak-to-average ratio (4 carrier WCDMA)
±0.5 dB
F=3500MHz
Linear Dynamic Range, CW
±1 dB linearity error
36dB
Slope
73LSB/dB
Logarithmic Intercept
-40dBm
Output Variation vs Temperature
PIN = -30 to +6dBm
±1 dB
Deviation from CW Response
WiMAX OFDM Burst; PIN = -34 to +4dBm
±0.5dB
ADC Resolution
ADC Resolution
(no missing code)
12 bits
Differential Linearity Error
EN=0V, Voltage on VOUT=0V to 1.8V, VREF=1.8V
±0.25
Measurement Resolution
1LSB= VREF/(4096*29mV/dB), VREF=1.8V
15mdB
Table 1. Jumper Description for DC1638A
JUMPER
FUNCTION
RANGE/SETTING (DEFAULT)
JP1
VDD, ADC power supply voltage
3.3V
JP2
VREF, ADC reference input voltage
VREG=1.8V
JP3
OVDD, ADC output driver supply voltage
3.3V
DC590B QUICK START PROCEDURE
The DC590B is a USB controller board that allows PC to
communicate through serial data interface. The Quick
start
guide
for
DC590B
can
be
found
here:
http://cds.linear.com/docs/Reference%20Design/dc590B.
pdf.
Download and install the QuickEval software
supplied
for
DC590B
here:
http://www.linear.com/designtools/software/quick_eval.js
p. Connect DC590B to the host PC with the USB A/B
cable.
1. Connect the DC1638A to the DC590B USB serial
controller
board
using
the
supplied
14-
conductor ribbon cable.
2. Set VCCIO on DC590B to 3.3V on the USB
controller board.
3. Set the JP4, the “EN”, which will enable the
EEPROM for DC590B to automatically recognize
the DC1638A board with LTC5587 when
connected.
4. Set JP5 to ON, for both ISO and SW, they
provide the VCCIO voltage to DC1638.
5. JP1, and JP2 are not used.
Leave open.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com